Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
28 / 132
targeted key is the OriginalityKey. For the rest, the behavior is exactly the same as for
AuthenticateEV2First, except for the following differences:
• No PCDcap2 and PDcap2 are exchanged and validated.
• Transaction Identifier TI is not reset and not exchanged.
• Command Counter CmdCtr is not reset.
After successful authentication, the PICC remains in EV2 authenticated state. On any
failure during the protocol, the PICC ends up in not authenticated state.
9.1.7 Session Key Generation
At the end of a valid authentication with AuthenticateEV2First or
AuthenticateEV2NonFirst, both the PICC and the PCD generate two session keys for
secure messaging, as shown in Figure 7:
• SesAuthMACKey for MACing of messages
• SesAuthENCKey for encryption and decryption of messages
Note that these identifiers are also used in context of the LRP protocol, though the actual
calculation of the session keys is different, see Section 9.2.7.
aaa-032191
SesAuthENCKey = AES
Session Key for encryption
SesAuthMACKey = AES
Session Key for MAC
RndA
MIFARE DESFire Light Authentication
RndB
KDF
SesAuthENCKey = AES
Session Key for encryption
SesAuthMACKey = AES
Session Key for MAC
RndA
AES Key Kx
AES Key Kx
PICC
PCD
RndB
KDF
Figure 7.  Session key generation for Secure Messaging
The session key generation is according to NIST SP 800-108 [8] in counter mode.
The Pseudo Random Function PRF(key; message) applied during the key generation
is the CMAC algorithm described in NIST Special Publication 800-38B [6]. The
key derivation key is the key Kx that was applied during authentication. As the
authentications are restricted to target AES keys, the generated session keys are also of
AES.
The input data is constructed using the following fields as defined by [8]. Note that NIST
SP 800-108 allows defining a different order than proposed by the standard as long as it
is unambiguously defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com