Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 6Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 7Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
10 / 132
8.2.2 Default Application Name and ID
MF2DL(H)x0 is pre-configured with one application. The default DF name and File ID are
as follows:
• DF Name: A00000039656434103F015400000000Bh
• File Identifier: DF01h
DF Name and File ID can be changed using SetConfiguration command.
8.2.3 Files
MF2DL(H)x0 stores user data into EF (files) of specific types. All files but the
TransactionMAC File are statically created and cannot be deleted. However, file
IDs and file settings can be changed using the SetConfiguration command. The
ChangeFileSettings command can be used to change the access rights configuration.
Any file number between 00h and 1Fh and any allowed File ID can be set. Note, that
duplication of a file number or a file ID is not allowed.
Only the TMAC file can be deleted and re-created in order to generate a new TMAC
configuration or disable the TMAC feature.
File access rights can be restricted with the keys of the application.
Table 5. File management
EF (File) Type
File type
coding
Default
file no.
Default
file ID
File size
Example uses
00h [1]
EF00h
256 bytes Storage of raw data e.g.
information
04h
EF04h
256 bytes Storage of raw data e.g.
information
StandardData file
00h
1Fh[1]
EF1Fh
32 bytes
FCI template or data
Value file
02h
03h
-
-
Storage of value, points,
customized counter
CyclicRecord file
04h
01h
EF01h
4 records
á 16 bytes
Storage of log, activities
TransactionMAC
file
05h
0Fh
-
-
Transaction counter,
Transaction MAC, Reader ID,
Limit of application selection.
[1]
Note that this File no. needs to be explicitly selected via ISOSelectFile for ISOReadBinary or ISOUpdateBinary as it is
reserved in the scope of implicit selection. The File no. can be changed in order to leverage implicit selection.
8.2.3.1 StandardData file
A StandardData file stores the data as raw data bytes. Data is accessed by chunk of byte
at a certain offset in the StandardData file and with a certain byte length.
The content of file no. 1Fh is returned as FCI at Section 11.10.1 of the DF, if the read
access of this file is set to "free". Note that also one of the larger files can be used to hold
FCI information in case it is renamed to 1Fh.
A StandardData file can be read with the ReadData and ISOReadBinary commands.
The data can be written with the WriteData and ISOUpdateBinary commands.
ISOReadBinary and ISOUpdateBinary are standard ISO/IEC 7816-4 interindustry
commands, see [4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com