Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 86Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 87Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 88Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 89Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 91Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 92Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 93Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
90 / 132
11.8.3 GetValue
The GetValue command allows reading the currently stored value from the Value file.
The value is always represented LSB first. The GetValue command requires a preceding
authentication with the key specified for Read, Write or ReadWrite access. Secure
messaging applies to the command according to the file communication mode setting. If
free GetValue is configured for the Value file, the GetValue command does not need any
prior authentication and CommMode.Plain is applied. After updating a value file value
but before issuing the CommitTransaction command, the GetValue command will always
retrieve the old, unchanged value which is still the valid one.
aaa-032213
PICC to PCD
PCD to PICC
CLA
90
CMD
6C
P1
00
P2
00
Lc
XX
1
1
1
1
1
1
Le
00
1
FileNr
Response data
Value
4
SW1
status
1
SW2
1
Figure 30.  GetValue command protocol
Table 93.  Command parameters description - GetValue
Name
Length
Value
Description
Command Header Parameters
Cmd
1
6Ch
Command code.
1
FileNr
File number of the targeted file.
Bit 7-5
000b
RFU
Data
Bit 4-0
00h to 1Fh
File number which is targeted
Command Data Parameters
-
-
-
No data parameters
Table 94.  Response data parameters description - GetValue
Name
Length
Value
Description
Response
data
4
Value
Current Value.
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 95
Table 95.  Return code description - GetValue
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only).
LENGTH_ERROR
7Eh
Command size not allowed.
PARAMETER_ERROR
9Eh
Parameter value not allowed.
PERMISSION_DENIED
9Dh
PICC level (MF) is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com