Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 53Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 54Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 55Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 56Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 57Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 59Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 60Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
57 / 132
11.4.3 AuthenticateLRPFirst
Authentication for LRP secure messaging. The AuthenticationLRPFirst is intended to be
the first in a transaction and recommended. LRP secure messaging allows side-channel
resistant implementations.
Data
PICC to PCD
aaa-032198
Auth
Mode
Response data
RndB
1st Part
1
16
PICC to PCD
PCD to PICC
CLA
90
CMD
AF
P1
00
P2
00
Lc
20
1
2nd Part
1
1
1
1
16
16
SW1
status
1
SW2
1
32
SW1
status
PCDResponse
RndA
1
SW2
1
PCD to PICC
CLA
90
CMD
71
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
1
1
[1...6]
KeyNo
LenCap PCDcap2
Le
00
1
Response data
PICCResponse
Figure 15.  AuthenticateLRPFirst command protocol
Table 34. Command parameters description - AuthenticateLRPFirst - Part1
Name
Length
Value
Description
Command Header Parameters
CMD
1
71h
Command code.
1
Targeted authentication key
Bit 7-6
00b
RFU
KeyNo
Bit 5-0
0h..4h
Key number
LenCap
1
1h..6h
Length of the PCD Capabilities.
1
-
Capability vector of the PCD.
Bit 7-2
Full range
RFU, can hold any value
Bit 1
1b
LRP secure messaging
PCDcap2.1
Bit 0
Full range
RFU, can hold any value
PCDcap2.2-6 [1..5]
Full range
Capability vector of the PCD.
All other bytes but PCDcap2.1 are optional,
RFU and can hold any value.
Command Data Parameters
-
-
-
No data parameters
Table 35. Response data parameters description - AuthenticateLRPFirst - Part1
Name
Length
Value
Description
AuthMode
1
01h
LRP Mode
RndB
16
Full range
PICC challenge
RndB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com