Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 75Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 76Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 77Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 78Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 79Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 80Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 81Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
78 / 132
Name
Length
Value
Description
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 74
Table 73. Response data parameters description - GetFileSettings - Targeting
TransactionMAC File.
Name
Length
Value
Description
FileType
1
05h
File Type of the targeted file.
1
-
Options for the targeted file.
Bit 7-6
RFU
TMCLimit configuration
0b
disabled
Bit 5
1b
enabled
Exclude unauthenticated operations from TMI
0b
disabled
Bit 4
1b
enabled
Bit 3-2
00b
RFU
FileOption
Bit 1-0
CommMode (see Table CommunicationModes)
AccessRights 2
-
Access conditions of the targeted file (see
Section 8.2.3.6)
1
-
Options for AppTransactionMACKey
Bit 7-2
RFU
KeyType of the AppTransactionMACKey
10b
AES
TMKeyOption
Bit 1-0
Other values
RFU
TMKeyVer
1
-
Key version of AppTransactionMACKey
-
[Optional, present if Bit5 of FileOption set]
TMCLimit
00000001h ..
FFFFFFFFh
[if AES mode] TMCLimit value (4 byte)
TMCLimit
[2,4]
0001h ..
FFFFh
[if LRP mode] TMCLimit value (2 byte)
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 74
Table 74.  Return code description - GetFileSettings
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com