Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2DL1000DA4/02 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 60Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 65Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 66Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
64 / 132
Option
Data
Length
Field
Length/bitin
dex
Description
NewFileID
2 bytes
[Optional, present if
FileNameOptions Bit 0 = 1b] New
ISOFileID for the first file. LSB first.
Excluding the following values
reserved by ISO: 0000h, 3F00h,
3FFFh, FFFFh
OldFileNo2
1 byte
[Optional, present if
FileNameOptions Bit 1 = 1b]
Current FileNo of the second file
NewFileNo2
1 byte
[Optional, present if
FileNameOptions Bit 1 = 1b] New
FileNo for the second file
NewFileID2
2 bytes
[Optional, present if
FileNameOptions Bit 1 = 1b AND
File- NameOptions Bit 0 = 1b] New
ISOFileID for the second file. LSB
first. Excluding the following values
reserved by ISO: 0000h, 3F00h,
3FFFh, FFFFh
Value file configuration (one-time configuration)
File Nr
1 byte
FileNo of the targeted file
Lower Limit
4 bytes
Lower Limit of the file encoded
as a 4 byte signed integer, with
LowerLimit less than or equal to
UpperLimit
UpperLimit
4 bytes
Upper Limit of the file encoded
as a 4 byte signed integer, with
LowerLimit less than or equal to
UpperLimit.
Value
4 bytes
Current Value with Value greater
than or equal to Lower- Limit and
less than or equal to UpperLimit.
09h
14 bytes
ValueOption
1byte
Bit 7 to 2: RFU
Bit1: 0b means No free access to
GetValue
Bit1: 1b means free access to
GetValue
Bit 0: 0b means LimitedCredit
command disabled
Bit 0: 1b means LimitedCredit
command enabled
Failed authentication counter configuration
0Ah
5 bytes
FailedCtrOption
1 byte
Bit 7 to 1: RFU
Bit 0: Set to 0b for disabling
Bit 0: Set to 1b for enabling
[default]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com