| Electronic Components Datasheet Search |
|
CS48L32 Datasheet(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 Datasheet(HTML) 43 Page - Cirrus Logic |
|
43 / 192 page ![]() DS1219F4 Cirrus Logic 43 CS48L32 4.3 Digital Core 4.3 Digital Core The CS48L32 digital core provides extensive mixing and processing capabilities for multiple signal paths. The configuration is highly flexible and supports virtually every conceivable input/output connection between the available processing blocks. The digital core provides parametric equalization (EQ) functions, DRC, and low-/high-pass filters (LHPF). The CS48L32 supports multiple signal paths through the digital core. Stereo full-duplex sample-rate conversion is provided to allow digital audio to be routed between input (ADC/PDM) paths and audio serial ports (ASP1–ASP2) operating at different sample rates. The DSP functions are programmable, using application-specific control sequences. Note that the DSP configuration data is lost whenever the VDD_D power domain is removed; the DSP configuration data must be downloaded to the CS48L32 each time the device is powered up. The CS48L32 incorporates a tone generator that can be used for beep functions through any of the audio signal paths. A white-noise generator is incorporated, to provide comfort noise in cases where silence (digital mute) is not desirable. Two pulse-width modulation (PWM) signal generators are provided; the PWM waveforms can be modulated by an audio source within the digital core and can be output on a GPIO pin. An overview of the digital-core mixing and signal-processing functions is provided in Fig. 4-15. The control registers associated with the digital-core signal paths are shown in Fig. 4-16 through Fig. 4-27. The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions are provided in Table 4-10. The digital audio core is predominantly a 24-bit architecture, but also provides support for 32-bit signal paths. Audio samples of up to 32 bits are supported by the ASP functions. The respective signal mixers provide full support for 32-bit data words. Note that all other signal paths and signal-processing blocks within the digital core are limited to 24-bit data length; data samples are truncated to 24-bit length if they are routed through any function that does not support 32-bit data words. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |