Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic CS48L32 Datasheet HTML 78Page - Cirrus Logic CS48L32 Datasheet HTML 79Page - Cirrus Logic CS48L32 Datasheet HTML 80Page - Cirrus Logic CS48L32 Datasheet HTML 81Page - Cirrus Logic CS48L32 Datasheet HTML 82Page - Cirrus Logic CS48L32 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
DS1219F4
Cirrus Logic
79
CS48L32
4.5 DSP Peripheral Control
4.4.4
DSP Interrupts
The Halo Core DSP incorporates a comprehensive interrupt controller, supporting a flexible capability to take input from
many different events and status indications, and to adapt the program flow according to different priority levels assigned
to each event. A high-priority non-maskable interrupt (NMI) is provided in case of a serious failure mode requiring a reset
of the DSP.
The DSP also provides input to the device-level interrupt controller. The DSP-derived inputs to the CS48L32 interrupt
controller include DSP error indications and general-purpose interrupt signals under control of the DSP firmware.
The following events are supported as inputs to the CS48L32 interrupt controller:
• Memory protection error
• Watchdog timeout
• Memory controller error
• AHB system error
• AHB packing error
• NMI error
• General-purpose IRQ 0–3
• Trace buffer stack error
• MIPS profile 1 done
• MIPS profile 0 done
See Section 4.9 for further details of the CS48L32 interrupt controller.
4.5 DSP Peripheral Control
The CS48L32 incorporates a suite of DSP peripheral functions that can be integrated together to provide an enhanced
capability for DSP applications. Configurable event log functions provide multichannel monitoring of internal and external
signals. The general-purpose timers provide time-stamp data for the event logger; they also provide input to the
alarm-generator circuits, enabling time-dependent interrupt events to be generated. Maskable GPIO provides an efficient
mechanism for the Halo Core DSP to access the required input and output signals. The quad-SPI (QSPI) master interface
enables high-speed data transfers between the DSP and external components such as flash-memory devices.
The DSP peripherals are designed to provide a comprehensive DSP capability, operating with a high degree of autonomy
from the host processor.
4.5.1
Event Logger
The CS48L32 provides an event-log function, supporting multichannel, edge-sensitive monitoring and recording of internal
or external signals.
4.5.1.1
Overview
The event logger allows status information to be captured from a large number of sources, to be prioritized and acted upon
as required. For the purposes of the event logger, an event is recorded when a logic transition (edge) is detected on a
selected signal source.
The logged events are held in a FIFO buffer, which is managed by the application software. A 32-bit time stamp, derived
from one of the general-purpose timers, is associated and recorded with each FIFO index, to provide a comprehensive
record of the detected events.
The event logger is associated with one of the general-purpose timers (see Section 4.5.3). The selected timer is the source
of time stamp data for any logged events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com