Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic CS48L32 Datasheet HTML 13Page - Cirrus Logic CS48L32 Datasheet HTML 14Page - Cirrus Logic CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic CS48L32 Datasheet HTML 17Page - Cirrus Logic CS48L32 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
14
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-14. AUX PDM Interface Timing
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.AUX PDM interface timing.
Symbol
Minimum
Typical
Maximum
Units
Master Mode
AUXPDMn_CLK cycle time
tCY
320
—
1432
ns
AUXPDMn_CLK duty cycle
—
45
—
55
%
AUXPDMn_CLK rise/fall time (25 pF load, VDD_IO = 1.8 V)
tr, tf
5
—
30
ns
AUXPDMn_DOUT valid from active CLK edge
Analog input
tDV
—
—
15
ns
AUXPDMn_DOUT hold from active CLK edge
Analog input
tHO
0—
—
ns
AUXPDMn_DOUT propagation delay 2
2.DOUT propagation delay is measured from a rising/falling edge on INn_PDMDATA to the corresponding edge at AUXPDMn_DOUT.
Digital input
tDD
—
—
18
ns
AUXPDMn_CLK phase alignment 3
3.In Master Mode, CLK phase alignment represents the timing of the AUXPDMn_CLK signal with respect to the INn_PDMCLK.
Digital input
tCD
–5
—
5
ns
Slave Mode
AUXPDMn_CLK cycle time
tCY
320
—
1432
ns
AUXPDMn_CLK duty cycle
—
45
—
55
%
AUXPDMn_DOUT valid from active CLK edge
Analog input
tDV
—
—
20
ns
AUXPDMn_DOUT hold from active CLK edge
Analog input
tHO
0—
—
ns
AUXPDMn_DOUT propagation delay 2
Digital input
tDD
—
—
18
ns
AUXPDMn_CLK propagation delay 4
4.In Slave Mode, CLK propagation delay is measured from a rising/falling edge on AUXPDMn_CLK to the corresponding edge at INn_PDMCLK.
Digital input
tCD
—
—
20
ns
(PDM data)
AUXPDMn_DOUT
(output)
VOL
VOH
VL
AUXPDMn_CLK
(Master output/
Slave input)
tCY
VH
tr
tf
tDV
tHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com