Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic CS48L32 Datasheet HTML 77Page - Cirrus Logic CS48L32 Datasheet HTML 78Page - Cirrus Logic CS48L32 Datasheet HTML 79Page - Cirrus Logic CS48L32 Datasheet HTML 80Page - Cirrus Logic CS48L32 Datasheet HTML 81Page - Cirrus Logic CS48L32 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
78
Cirrus Logic
DS1219F4
CS48L32
4.4 DSP Firmware Control
The system-clock configuration provides input to the interrupt control circuit and can be used to trigger an interrupt event
if the DSP1 clock frequency is less than the requested frequency—see Section 4.9.
4.4.3.3
DSP Core Control
To enable firmware execution on the DSP block, the DSP must be enabled by setting DSP1_CCM_CORE_EN. Note that
the DSP firmware should be loaded, and the clocks configured, before the DSP is enabled. The DSP1_CCM_CORE_EN
bit must remain set while the program is running—including during the wait state.
The DSP core is held in its reset state if DSP1_CCM_CORE_EN = 0. The DSP core is also reset by writing 1 to DSP1_
CCM_CORE_RESET. Following a reset, the DSP commences code execution starting at the base address of the DSP
program memory.
Note: The DSP core is disabled by clearing DSP1_CCM_CORE_EN. After disabling the DSP core, it is recommended
to reset the entire DSP subsystem using DSP1_CORE_SOFT_RESET as described in Section 4.4.3.4.
4.4.3.4
DSP Subsystem Control
The DSP subsystem (including the core, stream-arbiter controllers, NMI configuration, watchdog timer, and DSP
clock-frequency configuration) is reset by writing 1 to DSP1_CORE_SOFT_RESET.
The stream-arbiter controllers are resynchronized by writing 1 to DSP1_STREAM_ARB_RESYNC. This can be used to
synchronize two or more controllers. The DSP1_STREAM_ARB_RESYNC_MSK field selects which controllers are
affected by the resynchronize action.
4.4.3.5
DSP Control Registers
The DSP clocking, code-execution, and watchdog control registers are described in Table 4-28.
The audio signal paths connecting to/from the DSP processing block are configured as described in Section 4.3. Note that
the DSP firmware must be loaded and enabled before audio signal paths can be enabled.
Table 4-28. DSP Control Registers
Register Address
Bit
Label
Default
Description
DSP1 base address = 0x200_0000
base address + 0xB8_0000
DSPn_CLOCK_FREQ
15:0 DSPn_CLK_FREQ_SEL[15:0]
DSP clock frequency select
Coded as LSB = 1/64 MHz.
The DSP clock must be less than or equal to the clock
source frequency. The DSP clock is generated by
division of the clock source, and may differ from the
selected frequency. The DSP clock frequency can be
read from DSPn_CLK_FREQ_STS.
base address + 0xB8_0008
DSPn_CLOCK_STATUS
15:0 DSPn_CLK_FREQ_STS[15:0]
DSP clock frequency (read only). Only valid if the DSP
core is enabled. Coded as LSB = 1/64 MHz.
base address + 0xB8_0010
DSPn_CORE_SOFT_RESET
0DSPn_CORE_SOFT_RESET
Write 1 to reset the DSP subsystem, including the
core, stream arbiters, NMI, watchdog timer, and DSP
clock-frequency selection.
base address + 0xB8_0050
DSPn_STREAM_ARB_
CONTROL
0DSPn_STREAM_ARB_RESYNC
Write 1 to reset the stream arbiter controllers. Only
affects the controllers that are unmasked in DSPn_
STREAM_ARB_RESYNC_MSK.
base address + 0xBC_1000
DSPn_CCM_CORE_CONTROL
9DSPn_CCM_CORE_RESET
Write 1 to reset the DSP core.
0DSPn_CCM_CORE_EN
DSP enable. Controls the DSP firmware execution.
0 = Disabled
1 = Enabled
base address + 0xBC_5A00
DSPn_STREAM_ARB_
RESYNC_MSK1
7:0 DSPn_STREAM_ARB_RESYNC_
MSK[7:0]
Selects which stream-arbiter masters are reset by
DSPn_STREAM_ARB_RESYNC. For each master,
setting the respective bit enables that master to be
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com