Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 59Page - Cirrus Logic CS48L32 Datasheet HTML 60Page - Cirrus Logic CS48L32 Datasheet HTML 61Page - Cirrus Logic CS48L32 Datasheet HTML 62Page - Cirrus Logic CS48L32 Datasheet HTML 63Page - Cirrus Logic CS48L32 Datasheet HTML 64Page - Cirrus Logic CS48L32 Datasheet HTML 65Page - Cirrus Logic CS48L32 Datasheet HTML 66Page - Cirrus Logic CS48L32 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 192 page
background image
DS1219F4
Cirrus Logic
63
CS48L32
4.3 Digital Core
4.3.9
Noise Generator
The CS48L32 incorporates a white-noise generator that can be routed within the digital core. The main purpose of the
noise generator is to provide comfort noise in cases where silence (digital mute) is not desirable.
Figure 4-24. Digital-Core Noise Generator
The noise generator can be selected as input to any of the digital mixers or signal-processing functions within the CS48L32
digital core. The hexadecimal number (0x00C) in Fig. 4-24 indicates the corresponding x_SRCn setting for selection of the
noise generator as an input to another digital-core function.
The sample rate for the noise generator is configured using NOISE_GEN_RATE. See Table 4-21. Note that sample-rate
conversion is required when routing the noise generator output to any signal chain that is configured for a different sample
rate.
The noise generator is enabled by setting NOISE_GEN_EN, described in Table 4-19. The signal level is configured using
NOISE_GEN_GAIN.
4.3.10 PWM Generator
The CS48L32 incorporates two PWM signal generators as shown in Fig. 4-25. The duty cycle of each PWM signal can be
modulated by an audio source, or can be set to a fixed value using a control register setting.
A four-input mixer is associated with each PWM generator. The four input sources are selectable in each case, and
independent volume control is provided for each path.
PWM signal generators can be output directly on a GPIO pin. See Section 4.10 to configure a GPIO pin for this function.
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal-processing functions within
the CS48L32 digital core.
Table 4-19. Noise Generator Control
Register Address
Bit
Label
Default
Description
R46080 (0xB400)
Comfort_Noise_
Generator
5
NOISE_GEN_EN
0
Noise Generator Enable
0 = Disabled
1 = Enabled
4:0
NOISE_GEN_
GAIN[4:0]
0x00
Noise generator signal level
0x00 = –114 dBFS
0x01 = –108 dBFS
0x02 = –102 dBFS
…(6 dB steps)
0x12 = –6 dBFS
0x13 = 0 dBFS
All other codes are
reserved
Noise Generator (0x00C)
White Noise
Generator
NOISE_GEN_EN p. 63
NOISE_GEN_GAIN[4:0] p. 63
NOISE_GEN_RATE[4:0] p. 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com