Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
28
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
4.2.4
Input Signal Path Enable
The input signal paths are enabled using the bits described in Table 4-2. The respective bits must be enabled for analog
or digital input on the respective input paths.
If the IN1 signal path is configured for analog input (IN1_MODE =0, see Section 4.2.6), the following control sequence
must be observed when enabling IN1 (left) or IN1 (right) input signal path:
1. If enabling the IN1 (left) path, write 0x2 to register 0x4688
2. If enabling the IN1 (right) path, write 0x2 to register 0x468C
3. Enable the required signal paths using IN1L_EN and IN1R_EN
4. Wait 200
s
5. If enabling the IN1 (left) path, write 0x0 to register 0x4688
6. If enabling the IN1 (right) path, write 0x0 to register 0x468C
Notes: If enabling one channel, with the other channel already enabled, the control steps relating to the already-enabled
channel should be omitted.
The IN1L_EN and IN1R_EN bits must be cleared before changing IN1_MODE.
The input signal paths are muted by default. It is recommended that deselecting the mute should be the final step of the
path-enable control sequence. Similarly, the mute should be selected as the first step of the path-disable control sequence.
The input signal path mute functions are controlled using the bits described in Table 4-4.
The VOUT_MIC power domain must be enabled when using the analog input signal paths. This power domain is provided
using an internal charge pump (CP2) and LDO regulator (LDO2). See Section 4.12 for details of these circuits.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. See Section 4.8 for details
of the system clocks.
The CS48L32 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the input signal
paths and associated ADCs. If the frequency is too low, an attempt to enable an input signal path fails. Note that active
signal paths are not affected under such circumstances.
The status bits in register 0x4004 indicate the status of each input signal path. If an underclocked error condition occurs,
these bits can be used to indicate which input signal paths have been enabled.
Table 4-2. Input Signal Path Enable
Register Address
Bit
Label
Default
Description
R16384 (0x4000)
INPUT_CONTROL
3
IN2L_EN
0
Input Path 2 (left) enable
0 = Disabled
1 = Enabled
2
IN2R_EN
0
Input Path 2 (right) enable
0 = Disabled
1 = Enabled
1
IN1L_EN
0
Input Path 1 (left) enable
0 = Disabled
1 = Enabled
0
IN1R_EN
0
Input Path 1 (right) enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com