Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 88Page - Cirrus Logic CS48L32 Datasheet HTML 89Page - Cirrus Logic CS48L32 Datasheet HTML 90Page - Cirrus Logic CS48L32 Datasheet HTML 91Page - Cirrus Logic CS48L32 Datasheet HTML 92Page - Cirrus Logic CS48L32 Datasheet HTML 93Page - Cirrus Logic CS48L32 Datasheet HTML 94Page - Cirrus Logic CS48L32 Datasheet HTML 95Page - Cirrus Logic CS48L32 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 192 page
background image
92
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
The timer control registers are described in Table 4-32.
Table 4-32. General-Purpose Timer (TIMERn) Control
Register Address
Bit
Label
Default
Description
Timer 1 Base Address = R1146880 (0x118000)
Timer 2 Base Address = R1147136 (0x118100)
base address
TIMERn_CONTROL
21
TIMERn_CONT
0
Timer Continuous Mode select
0 = Single mode
1 = Continuous mode
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
20
TIMERn_DIR
0
Timer Count Direction
0 = Down
1 = Up
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
18:16 TIMERn_
PRESCALE[2:0]
000
Timer Count Rate Prescale
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
14:12 TIMERn_
REFCLK_DIV[2:0]
000
Timer Reference Clock Divide (Not valid if TIMERn_REFCLK_SRC = 0x0).
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
If SYSCLK is enabled, and is not selected as clock source, the output frequency
from this divider must be
 SYSCLK / 3, and  12 MHz.
If SYSCLK is disabled, the output of this divider is used as clock reference for the
event logger. In this case, the divider output corresponds to the frequency of event
logging opportunities on the respective modules.
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field.
10:8 TIMERn_
REFCLK_FREQ_
SEL[2:0]
000
Timer Reference Frequency Select (valid if TIMERn_REFCLK_SRC = 0x8)
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
011 = 49.152 MHz (45.1584 MHz)
All other codes are reserved.
The selected frequency must be less than or equal to the frequency of the source.
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field.
3:0
TIMERn_
REFCLK_
SRC[3:0]
0x0
Timer Reference Source Select.
Timer must be stopped (TIMERn_RUNNING_STS=0) when updating this field.
0x0 = SYSCLK
0x1 = 32 kHz clock
0x4 = MCLK1
0x8 = SYSCLK
0xC = GPIO1
0xD = GPIO2
0xE = GPIO3
0xF = GPIO4
All other codes are
reserved.
base address + 0x04
TIMERn_COUNT_
PRESET
31:0 TIMERn_MAX_
COUNT[31:0]
0x0000
_0000
Timer Maximum Count.
Final count value (when counting up). Starting count value (when counting down).
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field.
base address + 0x0C
TIMERn_START_
AND_STOP
4TIMERn_STOP
0
Timer Stop Control
Write 1 to stop.
0TIMERn_START
0
Timer Start Control
Write 1 to start.
If the timer is already running, it restarts from its initial value.
base address + 0x10
TIMERn_STATUS
0TIMERn_
RUNNING_STS
0
Timer Running Status
0 = Timer stopped
1 = Timer running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com