Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic CS48L32 Datasheet HTML 13Page - Cirrus Logic CS48L32 Datasheet HTML 14Page - Cirrus Logic CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
12
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-10. Miscellaneous Characteristics
Test conditions (unless specified otherwise): VDD_IO = VDD_CP = VDD_A = 1.8 V, VDD_D = VDD_FLL = 1.2 V, VOUT_MIC = 3.1 V (powered from
internal LDO); TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min
Typ
Max
Units
Microphone bias
(MICBIAS1x) 1
1.No capacitor on MICBIAS1x. In Regulator Mode, it is required that VVOUT_MIC – VMICBIAS > 200 mV.
Minimum bias voltage 2
Maximum bias voltage
Bias voltage output step size
Bias voltage accuracy
2.Regulator Mode (MICB1_BYPASS = 0), Load current
 1.0 mA.
–5%
–5%
0.05
–5%
1.5
2.8
0.1
—
+5%
+5%
0.15
+5%
V
V
V
V
Bias current 3
3.Bias current and load capacitance specifications are for the MICBIAS1 generator (i.e., total current/capacitance across all MICBIAS1x outputs).
Regulator Mode (MICB1_BYPASS = 0), VVOUT_MIC – VMICBIAS >200 mV
Bypass Mode (MICB1_BYPASS = 1)
—
—
—
—
2.4
5.0
mA
mA
Output noise density
Regulator Mode (MICB1_BYPASS = 0), MICB1_LVL = 0x4,
Load current = 1 mA, measured at 1 kHz
—50
—
nV/
Hz
Integrated noise voltage
Regulator Mode (MICB1_BYPASS = 0), MICB1_LVL = 0x4,
Load current = 1 mA, 100 Hz to 7 kHz, A-weighted
—3
—
VRMS
PSRR (VDD_IO, VDD_CP, VDD_A),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
92
95
—
—
dB
dB
PSRR (VDD_D, VDD_FLL),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
100
—
—
dB
dB
Load capacitance 3
Regulator Mode (MICB1_BYPASS = 0), MICB1_EXT_CAP = 0
Regulator Mode (MICB1_BYPASS = 0), MICB1_EXT_CAP = 1
—
0.1
—
1.0
50
10
pF
F
Output discharge resistance
MICB1x_EN = 0, MICB1x_DISCH = 1 1.8
2.4
3
k
VOUT_MIC
Charge Pump
and Regulator
(CP2 and LDO2)
Output voltage
0.9
—
3.3
V
Programmable output voltage step size
LDO2_VSEL = 0x00–0x14 (0.9–1.4V )
LDO2_VSEL = 0x14 to 0x27 (1.4 V–3.3 V)
—
—
25
100
—
—
mV
mV
Output current
——
8
mA
Start-up time
4.7
F on VOUT_MIC —
1.0
2.5
ms
Frequency-Lock
ed Loop (FLL1)
Output frequency
45
—
50
MHz
Lock Time
FREF =32kHz, FFLL = 49.152 MHz
FREF =12MHz, FFLL = 49.152 MHz
—
—
5
1
—
—
ms
ms
RESET pin input RESET input pulse width 4
4.To trigger a hardware reset, the RESET input must be asserted for longer than this duration.
1—
—
s
Table 3-11. Device Reset Thresholds
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Symbol
Minimum
Typical
Maximum
Units
VDD_A reset threshold
VVDD_A rising
VVDD_A falling
VVDD_A
—
1.06
—
—
1.66
1.44
V
V
VDD_D reset threshold
VVDD_D rising
VVDD_D falling
VVDD_D
—
0.41
—
—
1.04
0.70
V
V
VDD_IO reset threshold
VVDD_IO rising
VVDD_IO falling
VVDD_IO
—
1.06
—
—
1.66
1.44
V
V
Note: The reset thresholds are derived from simulations only, across all operational and process corners. Device performance is not assured
outside the voltage ranges defined in Table 3-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com