Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic CS48L32 Datasheet HTML 17Page - Cirrus Logic CS48L32 Datasheet HTML 18Page - Cirrus Logic CS48L32 Datasheet HTML 19Page - Cirrus Logic CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic CS48L32 Datasheet HTML 22Page - Cirrus Logic CS48L32 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
19
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-19. Master Interface Timing (SPI2 Master)
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.Master interface (SPI2) timing
Symbol
Min
Typ
Max
Units
SS falling edge to SCK rising edge
tSSU
5—
—
ns
SCK falling edge to SS rising edge
tSHO
15.3
—
—
ns
SCK pulse cycle time
tSCY
40
—
—
ns
SCK pulse width low
tSCL
19
—
—
ns
SCK pulse width high
tSCH
19
—
—
ns
SIOn (input) to SCK set-up time
tDSU
10.35
—
—
ns
SIOn (input) to SCK hold time
tDHO
0—
—
ns
SIOn (output) valid from falling SCK edge
SCLK slew (90%–10%) = 5 ns, CLOAD (SIOn)= 25 pF
tDV
—
—
18.3
ns
SIOn (output) hold from falling SCK edge
SCLK slew (90%–10%) = 5 ns, CLOAD (SIOn)= 25 pF
tHO
–3
—
—
ns
SS
(output)
SCK
(output)
tSSU
tSHO
SIOn
(output)
tSCH
tSCL
tSCY
tDV
tHO
SIOn
(input)
tDHO
tDSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com