Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 68Page - Cirrus Logic CS48L32 Datasheet HTML 69Page - Cirrus Logic CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic CS48L32 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
72
Cirrus Logic
DS1219F4
CS48L32
4.4 DSP Firmware Control
4.4 DSP Firmware Control
The CS48L32 digital core incorporates a Halo Core DSP, capable of running a wide range of audio-enhancement
functions. Different firmware configurations can be loaded onto the DSP, enabling the CS48L32 to be highly customized
for specific application requirements. DSP firmware can be configured using software packages provided by Cirrus Logic,
such as the SoundClear suite of audio-processing algorithms.
R42256 (0xA510)
ISRC2_
CONTROL1
31:27 ISRC2_FSH[4:0]
0x00
ISRC2 High Sample Rate (Sets the higher of the ISRC2 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC2_DECn_SRC fields must be cleared before changing ISRC2_FSH.
15:11 ISRC2_FSL[4:0]
0x00
ISRC2 Low Sample Rate (Sets the lower of the ISRC2 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC2_INTn_SRC fields must be cleared before changing ISRC2_FSL.
R42260 (0xA514)
ISRC2_
CONTROL2
9
ISRC2_INT2_EN
0
ISRC2 INT2 Enable
Interpolation Channel 2 path from ISRC2_FSL rate to ISRC2_FSH rate
0 = Disabled, 1 = Enabled
8
ISRC2_INT1_EN
0
ISRC2 INT1 Enable
Interpolation Channel 1 path from ISRC2_FSL rate to ISRC2_FSH rate
0 = Disabled, 1 = Enabled
1
ISRC2_DEC2_EN
0
ISRC2 DEC2 Enable
Decimation Channel 2 path from ISRC2_FSH rate to ISRC2_FSL rate
0 = Disabled, 1 = Enabled
0
ISRC2_DEC1_EN
0
ISRC2 DEC1 Enable
Decimation Channel 1 path from ISRC2_FSH rate to ISRC2_FSL rate
0 = Disabled, 1 = Enabled
R42528 (0xA620)
ISRC3_
CONTROL1
31:27 ISRC3_FSH[4:0]
0x00
ISRC3 High Sample Rate (Sets the higher of the ISRC3 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC3_DECn_SRC fields must be cleared before changing ISRC3_FSH.
15:11 ISRC3_FSL[4:0]
0x00
ISRC3 Low Sample Rate (Sets the lower of the ISRC3 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC3_INTn_SRC fields must be cleared before changing ISRC3_FSL.
R42532 (0xA624)
ISRC3_
CONTROL2
9
ISRC3_INT2_EN
0
ISRC3 INT2 Enable
Interpolation Channel 2 path from ISRC3_FSL rate to ISRC3_FSH rate
0 = Disabled, 1 = Enabled
8
ISRC3_INT1_EN
0
ISRC3 INT1 Enable
Interpolation Channel 1 path from ISRC3_FSL rate to ISRC3_FSH rate
0 = Disabled, 1 = Enabled
1
ISRC3_DEC2_EN
0
ISRC3 DEC2 Enable
Decimation Channel 2 path from ISRC3_FSH rate to ISRC3_FSL rate
0 = Disabled, 1 = Enabled
0
ISRC3_DEC1_EN
0
ISRC3 DEC1 Enable
Decimation Channel 1 path from ISRC3_FSH rate to ISRC3_FSL rate
0 = Disabled, 1 = Enabled
Table 4-22. Digital-Core ISRC Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com