Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 49Page - Cirrus Logic CS48L32 Datasheet HTML 50Page - Cirrus Logic CS48L32 Datasheet HTML 51Page - Cirrus Logic CS48L32 Datasheet HTML 52Page - Cirrus Logic CS48L32 Datasheet HTML 53Page - Cirrus Logic CS48L32 Datasheet HTML 54Page - Cirrus Logic CS48L32 Datasheet HTML 55Page - Cirrus Logic CS48L32 Datasheet HTML 56Page - Cirrus Logic CS48L32 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
DS1219F4
Cirrus Logic
53
CS48L32
4.3 Digital Core
The slope of the DRC response is determined by DRCn_HI_COMP and DRCn_LO_COMP. A slope of 1 indicates constant
gain in this region. A slope less than 1 represents compression (i.e., a change in input amplitude produces only a smaller
change in output amplitude). A slope of 0 indicates that the target output amplitude is the same across a range of input
amplitudes; this is infinite compression.
If the noise gate is enabled, the DRC response in this region is determined by DRCn_NG_EXP. A slope of 1 indicates
constant gain in this region. A slope greater than 1 represents expansion (i.e., a change in input amplitude produces a
larger change in output amplitude).
If the DRCn_KNEE2_OP knee is enabled (Knee 2 in Fig. 4-20), this introduces the vertical line in the response pattern
shown, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 4-14.
The noise gate is enabled by setting DRCn_NG_EN. When the noise gate is not enabled, Parameters 5–7 (see
Table 4-14) are ignored, and the DRCn_LO_COMP slope applies to all input signal levels below Knee 1.
The DRCn_KNEE2_OP knee is enabled by setting DRCn_KNEE2_OP_EN. If this bit is not set, Parameter 7 is ignored
and the Knee 2 position always coincides with the low end of the DRCn_LO_COMP region.
The Knee 1 point in Fig. 4-20 is determined by DRCn_KNEE1_IP and DRCn_KNEE1_OP.
Parameter Y0, the output level for a 0 dB input, is not specified directly but can be calculated from the other parameters
using Eq. 4-2.
Equation 4-2. DRC Compression Calculation
4.3.5.2
Gain Limits
The minimum and maximum gain applied by the DRC is set by DRCn_MINGAIN, DRCn_MAXGAIN, and DRCn_NG_
MINGAIN. These limits can be used to alter the DRC response from that shown in Fig. 4-20. If the range between
maximum and minimum gain is reduced, the extent of the dynamic range control is reduced.
The minimum gain in the compression regions of the DRC response is set by DRCn_MINGAIN. The minimum gain in the
noise-gate region is set by DRCn_NG_MINGAIN. The minimum gain limit prevents excessive attenuation of the signal
path.
The maximum gain limit set by DRCn_MAXGAIN prevents quiet signals (or silence) from being excessively amplified.
4.3.5.3
Dynamic Characteristics
The dynamic behavior determines how quickly the DRC responds to changing signal levels. Note that the DRC responds
to the average (RMS) signal amplitude over a period of time.
The DRCn_ATK determines how quickly the DRC gain decreases when the signal amplitude is high. The DRCn_DCY
determines how quickly the DRC gain increases when the signal amplitude is low.
These fields are described in Table 4-15 and Table 4-16. The register defaults are suitable for general-purpose
microphone use.
Table 4-14. DRC Response Parameters
Parameters
Parameter
Description
1
DRCn_KNEE1_IP
Input level at Knee 1 (dB)
2
DRCn_KNEE1_OP
Output level at Knee 1 (dB)
3
DRCn_HI_COMP
Compression ratio above Knee 1
4
DRCn_LO_COMP
Compression ratio below Knee 1
5
DRCn_KNEE2_IP
Input level at Knee 2 (dB)
6
DRCn_NG_EXP
Expansion ratio below Knee 2
7
DRCn_KNEE2_OP
Output level at Knee 2 (dB)
Y0
DRCn_KNEE1_OP
DRCn_KNEE1_IP
DRCn_HI_COMP

–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com