Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 22Page - Cirrus Logic CS48L32 Datasheet HTML 23Page - Cirrus Logic CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 192 page
background image
26
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
4.2.2
Analog Line Input
Line inputs can be connected to the CS48L32 in a similar manner to the mic inputs. Single-ended and differential
configurations are supported on each analog input path, using the IN1x_SRC bits as described in Section 4.2.6.
The analog line input configurations are shown in Fig. 4-8 and Fig. 4-9. Note that the microphone bias (MICBIAS) is not
used for line input connections.
4.2.3
PDM (DMIC) Input
The CS48L32 supports as many as four PDM input channels, ideal for use with digital microphone (DMIC) input and other
digital interfaces. The IN1 input path supports analog and digital input; digital (PDM) operation is selected using IN1_
MODE as described in Section 4.2.6.
In PDM mode, two channels of audio data are multiplexed on the associated INn_PDMDATA pin. Each stereo interface is
clocked using the respective INn_PDMCLK pin.
If PDM input is enabled, the CS48L32 outputs the CLK signal on the applicable INn_PDMCLK pins. The CLK frequency
is controlled by the respective INn_OSR field, as described in Table 4-1 and Table 4-3. Note that the input-path PDM
interfaces operate in Master Mode only—the clock (CLK) signal is generated by the CS48L32.
Note that, if ultrasonic signal detection or demodulation is enabled (see Section 4.2.9), the CLK frequency for the
respective input path must be 1.536 MHz or 3.072 MHz.
Note that, if the 384 kHz or 768 kHz CLK frequency is selected, the maximum valid sample rate for the respective paths
is restricted as described in Table 4-1. If the input sample rates are set globally using IN_RATE (i.e., IN_RATE_
MODE = 0), all input paths are affected similarly.
The system clock, SYSCLK, must be present and enabled if using the PDM inputs; see Section 4.8 for details of SYSCLK
and the associated registers.
The PDM clock frequencies in Table 4-1 assume that the SYSCLK frequency is a multiple of 6.144 MHz (SYSCLK_
FRAC = 0). If the SYSCLK frequency is a multiple of 5.6448 MHz (SYSCLK_FRAC = 1), the PDM clock frequencies are
scaled accordingly.
Figure 4-8. Single-Ended Line Input
Figure 4-9. Differential Line Input
Table 4-1. PDM Clock Frequency
Condition
PDM Clock Frequency
Valid Sample Rates
Signal Passband
INn_OSR = 000
384 kHz
Up to 48 kHz
Up to 4 kHz
INn_OSR = 001
768 kHz
Up to 96 kHz
Up to 8 kHz
INn_OSR = 010
1.536 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 011
2.048 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 100
2.4576 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 101
3.072 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 110
6.144 MHz
Up to 192 kHz
Up to 96 kHz
GND
Line
To ADC
VREF
PGA
+
–
IN1LN,
IN1RN
IN1LP,
IN1RP
To ADC
VREF
Line
PGA
+
–
IN1LN,
IN1RN
IN1LP,
IN1RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com