Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 14Page - Cirrus Logic CS48L32 Datasheet HTML 15Page - Cirrus Logic CS48L32 Datasheet HTML 16Page - Cirrus Logic CS48L32 Datasheet HTML 17Page - Cirrus Logic CS48L32 Datasheet HTML 18Page - Cirrus Logic CS48L32 Datasheet HTML 19Page - Cirrus Logic CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic CS48L32 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
18
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-18. Control Interface Timing (SPI1 Slave)
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.Control interface timing
Symbol
Min
Typ
Max
Units
SS falling edge to SCK rising edge
tSSU
2.6
—
—
ns
SCK falling edge to SS rising edge
tSHO
0—
—
ns
SCK pulse cycle time
SYSCLK disabled (SYSCLK_EN = 0)
SYSCLK_EN = 1, SYSCLK_FREQ = 000
SYSCLK_EN = 1, SYSCLK_FREQ > 000
tSCY
tSCY
tSCY
20
38.4
20
—
—
—
—
—
—
ns
ns
ns
SCK pulse-width low
tSCL
9—
—
ns
SCK pulse-width high
tSCH
9—
—
ns
SCK falling edge to MISO transition
MISO driven on SCK falling edge (SPI1_DPHA = 0)
SCK slew (90%–10%) = 5 ns, CLOAD (MISO) = 10 pF
tDL
4
—
12
ns
SCK rising edge to MISO transition
MISO driven on SCK rising edge (SPI1_DPHA = 1)
SCK slew (10%–90%) = 5 ns, CLOAD (MISO) = 10 pF
tDL
4
—
10
ns
MOSI to SCK set-up time
tDSU
1.5
—
—
ns
MOSI to SCK hold time
tDHO
1.7
—
—
ns
SS
(input)
SCK
(input)
tSSU
tSHO
MOSI
(input)
MISO output
(driven on falling SCK edge)
tSCH
tSCL
tSCY
tDL
tDHO
tDSU
MISO output
(driven on rising SCK edge)
tDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com