Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 67Page - Cirrus Logic CS48L32 Datasheet HTML 68Page - Cirrus Logic CS48L32 Datasheet HTML 69Page - Cirrus Logic CS48L32 Datasheet HTML 70Page - Cirrus Logic CS48L32 Datasheet HTML 71Page - Cirrus Logic CS48L32 Datasheet HTML 72Page - Cirrus Logic CS48L32 Datasheet HTML 73Page - Cirrus Logic CS48L32 Datasheet HTML 74Page - Cirrus Logic CS48L32 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
DS1219F4
Cirrus Logic
71
CS48L32
4.3 Digital Core
The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions
are provided in Table 4-10.
The x_SRC fields select the input sources for the respective ISRC processing blocks. Note that the selected input sources
must be configured for the same sample rate as the ISRC to which they are connected.
The hexadecimal numbers in Fig. 4-27 indicate the corresponding x_SRC setting for selection of that signal as an input to
another digital-core function.
The fields associated with the ISRCs are described in Table 4-22.
Table 4-22. Digital-Core ISRC Control
Register Address
Bit
Label
Default
Description
R41984 (0xA400)
ISRC1_
CONTROL1
31:27 ISRC1_FSL[4:0]
0x00
ISRC1 Low Sample Rate (Sets the lower of the ISRC1 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC1_INTn_SRC fields must be cleared before changing ISRC1_FSL.
15:11 ISRC1_FSH[4:0]
0x00
ISRC1 High Sample Rate (Sets the higher of the ISRC1 sample rates)
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x03 = SAMPLE_RATE_4
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ISRC1_DECn_SRC fields must be cleared before changing ISRC1_FSH.
R41988 (0xA404)
ISRC1_
CONTROL2
11
ISRC1_INT4_EN
0
ISRC1 INT4 Enable
Interpolation Channel 4 path from ISRC1_FSL rate to ISRC1_FSH rate
0 = Disabled, 1 = Enabled
10
ISRC1_INT3_EN
0
ISRC1 INT3 Enable
Interpolation Channel 3 path from ISRC1_FSL rate to ISRC1_FSH rate
0 = Disabled, 1 = Enabled
9
ISRC1_INT2_EN
0
ISRC1 INT2 Enable
Interpolation Channel 2 path from ISRC1_FSL rate to ISRC1_FSH rate
0 = Disabled, 1 = Enabled
8
ISRC1_INT1_EN
0
ISRC1 INT1 Enable
Interpolation Channel 1 path from ISRC1_FSL rate to ISRC1_FSH rate
0 = Disabled, 1 = Enabled
3
ISRC1_DEC4_EN
0
ISRC1 DEC4 Enable
Decimation Channel 4 path from ISRC1_FSH rate to ISRC1_FSL rate
0 = Disabled, 1 = Enabled
2
ISRC1_DEC3_EN
0
ISRC1 DEC3 Enable
Decimation Channel 3 path from ISRC1_FSH rate to ISRC1_FSL rate
0 = Disabled, 1 = Enabled
1
ISRC1_DEC2_EN
0
ISRC1 DEC2 Enable
Decimation Channel 2 path from ISRC1_FSH rate to ISRC1_FSL rate
0 = Disabled, 1 = Enabled
0
ISRC1_DEC1_EN
0
ISRC1 DEC1 Enable
Decimation Channel 1 path from ISRC1_FSH rate to ISRC1_FSL rate
0 = Disabled, 1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com