Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic CS48L32 Datasheet HTML 37Page - Cirrus Logic CS48L32 Datasheet HTML 38Page - Cirrus Logic CS48L32 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
DS1219F4
Cirrus Logic
35
CS48L32
4.2 Input Signal Path
The signal-detection algorithm is illustrated in Fig. 4-12.
Figure 4-12. Ultrasonic Signal Detection
The ultrasonic demodulator function is enabled by setting USn_EN. The frequency band and signal gain are selected using
USn_FREQ and USn_GAIN respectively.
The output from the ultrasonic demodulator is a frequency-modulated image of the selected input frequency range. The
folding frequency that characterizes the frequency modulation is set according to the USn_FREQ setting—see Table 4-6.
The relationship between input and output frequencies is described in Eq. 4-1.
Equation 4-1. Ultrasonic Demodulator Characteristic
Note that, depending on the input frequency range and the folding frequency, FFOLD, the modulated output in respect of
certain input frequencies may overlap others. This effect arises if the folding frequency lies within the input frequency
range, with the result that two different input frequencies will each be modulated to the same output frequency. This effect
is limited to the outer edges of the input frequency range in all cases. Amplitude response across the input frequency range
is flat to within 1.5 dB in all cases.
The demodulated ultrasonic outputs can be selected as input to the digital mixers or signal-processing functions within the
digital core by setting the respective x_SRCn fields as described in Section 4.3.1.
The sample rate for the demodulated ultrasonic output is configured using USn_RATE—see Table 4-21. The selected
sample rate must be one of the SYSCLK-related rates, and must be equal to the output rate set by USn_FREQ (see
Table 4-6). Note that sample-rate conversion is required when routing the ultrasonic signals to any signal chain that is
configured for a different sample rate.
The characteristics associated with the USn_FREQ field setting are shown in Table 4-6.
Table 4-6. Ultrasonic Frequency Control
Condition
Input Frequency Band
Output Sample Rate
Demodulator Folding
Frequency (FFOLD)
Signal-Detection Rate
USn_FREQ = 010
16–24 kHz
16 kHz
16 kHz
80.8 kHz
USn_FREQ = 011
20–28 kHz
16 kHz
20.21 kHz
96 kHz
Threshold detect
Accumulator count
Signal detection
Accumulator value increases
if threshold detection is valid
Accumulator value is
unchanged during hold time
Accumulator value falls
after hold time expires
Status indication when accumulator reaches
signal-detect level. Interrupt on rising edge.
Signal level
measurements
Hold Time
USn_DET_HOLD
Signal-detect level
USn_DET_NUM
Decay Time
USn_DET_DCY
FOUT
FIN FFOLD
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com