Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 23Page - Cirrus Logic CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
DS1219F4
Cirrus Logic
27
CS48L32
4.2 Input Signal Path
The voltage reference for the PDM interfaces is selectable, using INn_PDM_SUP; each interface may be referenced to
VOUT_MIC or MICBIAS1. For DMIC use cases, the voltage reference for each input path should be set equal to the power
supply of the respective microphones.
A pair of digital microphones is connected as shown in Fig. 4-10. The microphones must be configured to ensure that the
left mic transmits a data bit when INn_PDMCLK is high and the right mic transmits a data bit when INn_PDMCLK is low.
The CS48L32 samples the DMIC data at the end of each INn_PDMCLK phase. Each microphone must tristate its data
output while the other microphone is transmitting.
Note that the CS48L32 provides integrated pull-down resistors on the INn_PDMDATA pins. This provides a flexible
capability for interfacing with other devices.
Figure 4-10. DMIC Input
Two PDM channels are interleaved on INn_PDMDATA, as shown in Fig. 4-11. If two microphones are connected to
provide a stereo interface, each microphone must tristate its data output while the other microphone is transmitting.
Figure 4-11. PDM (DMIC) Interface Timing
Digital Mic
VOUT_MIC or MICBIAS1x
GND_A
Digital Mic
VDDCLK DATA
VDDCLK DATA
CHAN
CHAN
VDD
INn_PDMDATA
INn_PDMCLK
PDM (Digital
Microphone )
Interface
The PDM inputs are referenced to
VOUT_MIC or MICBIAS1.
The supply for each digital microphone
should provide the same voltage as the
applicable reference.
GND
GND
INn_PDMCLK clock
INn_PDMDATA pin
(Left and right channels interleaved)
1
2
1
2
1
2
Left mic output
1
1
1
Right mic output
2
2
2
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com