Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 5 Page - Cirrus Logic

  CS48L32 Datasheet HTML 1Page - Cirrus Logic CS48L32 Datasheet HTML 2Page - Cirrus Logic CS48L32 Datasheet HTML 3Page - Cirrus Logic CS48L32 Datasheet HTML 4Page - Cirrus Logic CS48L32 Datasheet HTML 5Page - Cirrus Logic CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
5
Cirrus Logic
DS1219F4
CS48L32
1.3 Pin Descriptions
IN1RN_1/IN2_
PDMCLK
B4
55
VOUT_MIC or
MICBIAS1 [1]
I/O
Right-channel negative differential mic/line
input/IN2 PDM clock.
C
IN1RN_1 input
IN1RN_2
C5
59
VOUT_MIC
I
Right-channel negative differential mic/line
input.
—
Input
IN1RP_1/IN2_
PDMDATA
A5
54
VOUT_MIC or
MICBIAS1 [1]
I
Right-channel single-ended mic/line input/
positive differential mic/line input/IN2 PDM data
input.
PD/H
IN1RP_1 input
IN1RP_2
C4
58
VOUT_MIC
I
Right-channel single-ended mic/line input/
positive differential mic/line input.
—
Input
MICBIAS1A
D6
63
VOUT_MIC
O
Microphone bias 1A
—
Output
MICBIAS1B
C6
62
VOUT_MIC
O
Microphone bias 1B
—
Output
MICBIAS1C
B6
61
VOUT_MIC
O
Microphone bias 1C
—
Output
VOUT_MIC
A7
60
—
O
LDO2 output decoupling pin (generated
internally by CS48L32). Can also be used as
reference/supply for external microphones.
—
Output
VREF_FILT
B1
51
—
O
Band-gap reference external capacitor
connection
—
Output
Digital I/O
ASP1_BCLK/
GPIO5
E5
17
VDD_IO
I/O
Audio serial port 1 bit clock/GPIO5
PU/PD/K/H/
Z/C/OD
GPIO5 input
with bus-keeper
ASP1_DIN/
GPIO4
H7
7
VDD_IO
I
Audio serial port 1 data input/GPIO4
PU/PD/K/H/
C/OD
GPIO4 input
with bus-keeper
ASP1_DOUT/
GPIO3
G7
8
VDD_IO
O
Audio serial port 1 data output/GPIO3
PU/PD/K/H/
Z/C/OD
GPIO3 input
with bus-keeper
ASP1_
FSYNC/
GPIO6
F6
9
VDD_IO
I/O
Audio serial port 1 frame sync/GPIO6
PU/PD/K/H/
Z/C/OD
GPIO6 input
with bus-keeper
ASP2_BCLK/
GPIO9
D4
22
VDD_IO
I/O
Audio serial port 2 bit clock/GPIO9
PU/PD/K/H/
Z/C/OD
GPIO9 input
with bus-keeper
ASP2_DIN/
GPIO8
H5
21
VDD_IO
I/O
Audio serial port 2 data input/GPIO8
PU/PD/K/H/
C/OD
GPIO8 input
with bus-keeper
ASP2_DOUT/
GPIO7
G5
19
VDD_IO
I/O
Audio serial port 2 data output/GPIO7
PU/PD/K/H/
Z/C/OD
GPIO7 input
with bus-keeper
ASP2_
FSYNC/
GPIO10
F5
18
VDD_IO
I/O
Audio serial port 2 frame sync/GPIO10
PU/PD/K/H/
Z/C/OD
GPIO10 input
with bus-keeper
AUXPDM1_
CLK
F3
28
VDD_IO
I/O
Auxiliary PDM 1 clock
PD/H/C
Input
AUXPDM1_
DOUT
E3
29
VDD_IO
O
Auxiliary PDM 1 data output
C
Output
AUXPDM2_
CLK
F2
30
VDD_IO
I/O
Auxiliary PDM 2 clock
PD/H/C
Input
AUXPDM2_
DOUT
G2
31
VDD_IO
O
Auxiliary PDM 2 data output
C
Output
GPIO1
E6
10
VDD_IO
I/O
GPIO1
PU/PD/K/H/
C/OD
GPIO1 input
with bus-keeper
GPIO2
F7
16
VDD_IO
I/O
GPIO2
PU/PD/K/H/
C/OD
GPIO2 input
with bus-keeper
IRQ
E7
5
VDD_IO
O
Interrupt request (IRQ) output (default is active
low)
C/OD
Open-drain
output
MCLK1
G8
15
VDD_IO
I
Master clock 1
PD/H
Input
RESET
D5
4
VDD_IO
I
Digital reset input (active low)
PU/PD/K/H
Input with
pull-up
Table 1-1. Pin Descriptions (Cont.)
PU = Pull-up, PD = Pull-down, K = Bus keeper, H = Hysteresis on CMOS input, Z = Hi-Z (High impedance), C = CMOS, OD = Open drain.
Pin Name
Pin #
(WLCSP)
Pin #
(QFN)
Power
Supply
I/O
Pin Description
Digital Pad
Attributes
State at Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com