Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48L32 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 3Page - Cirrus Logic CS48L32 Datasheet HTML 4Page - Cirrus Logic CS48L32 Datasheet HTML 5Page - Cirrus Logic CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
7
Cirrus Logic
DS1219F4
CS48L32
2 Typical Connection Diagram
2 Typical Connection Diagram
Figure 2-1. Typical Connection Diagram
AUXPDM2_CLK
AUXPDM1_DOUT
AUXPDM2_DOUT
AUXPDM1_CLK
GND_CP
GND_SUB
GND_D
GND_A
VREF_FILT
2.2
F
1
F
2.2 k
MICBIAS1A
IN1LP_2
IN1LP_1/IN1_PDMDATA
IN1LN_1/IN1_PDMCLK
1
F
IN1LN_2
Analog and Digital Inputs
Pseudo-
differential
Microphone
Connection
Stereo Digital
Microphone
Connection
DMIC
DAT
CLK
DAT
CLK
VDD
CHAN
MICBIAS1B
DMIC
GND
VDD
CHAN
GND
IN1RP_2
IN1RP_1/IN2_PDMDATA
IN1RN_1/IN2_PDMCLK
IN1RN_2
CP_FLYP
CP_FILT
CP_FLYN
470 nF
4.7
F
MICBIAS1C
VOUT_MIC
Bias/Supplies for
Microphones
4.7
F
MICBIAS1B
MICBIAS1A
SPI2_SIO1
SPI2_SS
SPI2_SCK
SPI2_SIO0
SPI2_SIO3
SPI2_SIO2
EEPROM
Control Interface
SPI1_MISO
SPI1_SS
SPI1_SCK
SPI1_MOSI
VDD_D
VDD_FLL
VDD_D
2 x 1.0
F
1.2 V
1.0
F
1.8 V
VDD_IO
1.0
F
VDD_CP
VDD_A
0.1
F
1.0
F
GPIO
GPIO1
GPIO2
MCLK1
Master Clock
Reset Control
Interrupt Output
RESET
IRQ
VDD_IO
100 k
ASP2_DIN
ASP2_FSYNC
ASP2_BCLK
ASP2_DOUT
ASP1_DIN
ASP1_FSYNC
ASP1_BCLK
ASP1_DOUT
Audio Serial Ports
CS48L32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com