| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 65 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 65 Page - SPANSION |
|
65 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 63 Advance Information 11.2 Customer Secured Silicon Sector The Customer Secured Silicon Sector is typically shipped unprotected (DQ6 set to 0), allowing customers to utilize that sector in any manner they choose. If the security feature is not required, the Customer Secured Silicon Sector can be treated as an additional Flash memory space. Please note the following: Once the Customer Secured Silicon Sector area is protected, the Customer Indicator Bit is permanently set to 1. The Customer Secured Silicon Sector can be read any number of times, but can be pro- grammed and locked only once. The Customer Secured Silicon Sector lock must be used with caution as once locked, there is no procedure available for unlocking the Customer Secured Silicon Sector area and none of the bits in the Customer Secured Silicon Sector memory space can be modified in any way. The accelerated programming (ACC) and unlock bypass functions are not available when pro- gramming the Customer Secured Silicon Sector, but reading in Banks 1 through 15 is avail- able. Once the Customer Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon Sector Region command sequence which return the device to the mem- ory array at sector 0. 11.3 Secured Silicon Sector Entry and Secured Silicon Sector Exit Command Sequences The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured Silicon Sector command sequence. The device continues to access the Secured Silicon Sector re- gion until the system issues the four-cycle Exit Secured Silicon Sector command sequence. See Command Definition Table [Secured Silicon Sector Command Table, Appendix Table 13.1 for address and data requirements for both command sequences. The Secured Silicon Sector Entry Command allows the following commands to be executed Read customer and factory Secured Silicon areas Program the customer Secured Silicon Sector After the system has written the Enter Secured Silicon Sector command sequence, it may read the Secured Silicon Sector by using the addresses normally occupied by sector SA0 within the memory array. This mode of operation continues until the system issues the Exit Secured Silicon Sector command sequence, or until power is removed from the device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |