| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 25 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 25 Page - SPANSION |
|
25 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 23 Advance Information 8 Device Operations This section describes the read, program, erase, simultaneous read/write operations, handshak- ing, and reset features of the Flash devices. Operations are initiated by writing specific commands or a sequence with specific address and data patterns into the command registers (see Table 13.1 and Table 13.2). The command register itself does not occupy any addressable memory location; rather, it is composed of latches that store the commands, along with the address and data information needed to execute the com- mand. The contents of the register serve as input to the internal state machine and the state machine outputs dictate the function of the device. Writing incorrect address and data values or writing them in an improper sequence may place the device in an unknown state, in which case the system must write the reset command to return the device to the reading array data mode. 8.1 Device Operation Table The device must be setup appropriately for each operation. Table 8.1 describes the required state of each control pin for any particular operation. Legend: L = Logic 0, H = Logic 1, X = Don’t Care, I/O = Input/Output. 8.2 Asynchronous Read All memories require access time to output array data. In an asynchronous read operation, data is read from one memory location at a time. Addresses are presented to the device in random order, and the propagation delay through the device causes the data on its outputs to arrive asyn- chronously with the address on its inputs. The device defaults to reading array data asynchronously after device power-up or hardware re- set. Asynchronous read requires that the CLK signal remain at VIL during the entire memory read operation. To read data from the memory array, the system must first assert a valid address on Amax–A0, while driving AVD# and CE# to VIL. WE# must remain at VIH. The rising edge of AVD# latches the address. The OE# signal must be driven to VIL, once AVD# has been driven to VIH. Data is output on A/DQ15-A/DQ0 pins after the access time (tOE) has elapsed from the falling edge of OE#. Table 8.1 Device Operations Operation CE# OE# WE# Addresses DQ15–0 RESET# CLK AVD# Asynchronous Read - Addresses Latched L L H Addr In Data Out H X Asynchronous Read - Addresses Steady State L L H Addr In Data Out H X L Asynchronous Write L H L Addr In I/O H X L Synchronous Write L H L Addr In I/O H Standby (CE#) H X X X HIGH Z H X X Hardware Reset X X X X HIGH Z L X X Burst Read Operations (Synchronous) Load Starting Burst Address L X H Addr In X H Advance Burst to next address with appropriate Data presented on the Data Bus LL H X Burst Data Out HH Terminate current Burst read cycle H X H X HIGH Z H X Terminate current Burst read cycle via RESET# X X H X HIGH Z L X X Terminate current Burst read cycle and start new Burst read cycle LX H Addr In I/O H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |