Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 70 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 70 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 66Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 67Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 68Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 69Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 70Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 71Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 72Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 73Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 216 page
background image
68
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
12.7 DC Characteristics
(CMOS Compatible)
Notes:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. VCC= VIO.
3. CE# must be set high when measuring the RDY pin.
4. The ICC current listed is typically less than 3 mA/MHz, with OE# at VIH.
5. ICC active while Embedded Erase or Embedded Program is in progress.
6. Device enters automatic sleep mode when addresses are stable for tACC + 20 ns. Typical sleep mode current is equal to
ICC3.
7. VIH = VCC ± 0.2 V and VIL > –0.1 V.
8. Total current during accelerated programming is the sum of VACC and VCC currents.
9. VACC = VHH on ACC input.
10. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter
Description (Notes)
Test Conditions (Notes 1, 2, 9)
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current (3)
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB
VCC Active burst Read Current
CE# = VIL, OE# = VIH, WE#
= VIH, burst length = 8
54 MHz
27
54
mA
66 MHz
28
60
mA
80 MHz
30
66
mA
CE# = VIL, OE# = VIH, WE#
= VIH, burst length = 16
54 MHz
28
48
mA
66 MHz
30
54
mA
80 MHz
32
60
mA
CE# = VIL, OE# = VIH, WE#
= VIH, burst length = 32
54 MHz
29
42
mA
66 MHz
32
48
mA
80 MHz
34
54
mA
CE# = VIL, OE# = VIH, WE#
= VIH, burst length =
Continuous
54 MHz
32
36
mA
66 MHz
35
42
mA
80 MHz
38
48
mA
IIO1
VIO Non-active Output
OE# = VIH
20
30
µA
ICC1
VCC Active Asynchronous
Read Current (4)
CE# = VIL, OE# = VIH, WE#
= VIH
10 MHz
27
36
mA
5 MHz
13
18
mA
1 MHz
3
4
mA
ICC2
VCC Active Write Current (5)
CE# = VIL, OE# = VIH, ACC
= VIH
VACC
15
µA
VCC
19
52.5
mA
ICC3
VCC Standby Current (6, 7)
CE# = RESET# =
VCC ± 0.2 V
VACC
15
µA
VCC
20
40
µA
ICC4
VCC Reset Current (7)
RESET# = VIL, CLK = VIL
70
150
µA
ICC5
VCC Active Current
(Read While Write) (7)
CE# = VIL, OE# = VIH, ACC = VIH @
5 MHz
50
60
mA
ICC6
VCC Sleep Current (7)
CE# = VIL, OE# = VIH
240
µA
IACC
Accelerated Program Current (8)
CE# = VIL, OE# = VIH,
VACC = 9.5 V
VACC
620
mA
VCC
14
20
mA
VIL
Input Low Voltage
VIO = 1.8 V
–0.5
0.4
V
VIH
Input High Voltage
VIO = 1.8 V
VIO – 0.4
VIO + 0.4
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min = VIO
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min = VIO
VIO – 0.1
V
VHH
Voltage for Accelerated Program
8.5
9.5
V
VLKO
Low VCC Lock-out Voltage
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com