Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 189 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 189 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 185Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 186Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 187Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 188Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 189Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 190Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 191Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 192Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 193Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
187
Advance
Information
Figure 34.10 Refresh Collision During Write Operation
Notes:
1. Non-default BCR settings: Latency code two (three clocks); Wait active Low; Wait asserted during delay.
2. OE# can stay Low during burst suspend. If OE# is Low, DQ[15:0] will continue to output valid data.
Table 34.8 Burst Read Timing Parameters—Burst Suspend
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tACLK
911
ns
tBOE
20
20
ns
tCBPH
55
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tHZ
88
ns
tKOH
22
ns
tOHZ
88
ns
tOLZ
55
ns
tOHZ
tOLZ
High-Z
High-Z
tCBPH
Don't Care
Undefined
Legend:
tCEW
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tSP
tCSP
tBOE
tSP
tHD
tHD
VIH
VIL
OE#
WE#
tSP
tHD
tSP
tHD
tCLK
VIH
VIL
CLK
tHZ
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
tKOH
tACLK
(Note 2)
tBOE
tOLZ
VALID
OUTPUT
VALID
OUTPUT
Valid
Address
tOHZ
Valid
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com