| Electronic Components Datasheet Search |
|
TMP89FS60 Datasheet(PDF) 242 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 242 Page - Toshiba Semiconductor |
|
242 / 410 page ![]() Page 228 16. Asynchronous Serial Interface (UART) 16.12 Status Flag TMP89FS60 RA001 Figure 16-13 Framing/Parity Error Flags When an Overrun Error Occurs RXD0 pin input Data A Data A A parity error occurs. An interrupt request is generated. The error flag is not set together with an overrun error. An interrupt request is generated. The flag is set. No interrupt request is generated. Data B INTRXD0 interrupt request When a parity error occurs in the first received data and a framing error occurs in the second data When a parity error occurs in the second received data UART0SR<OERR> UART0SR<RBFL> Start Bit0 Parity Stop Start Bit0 Parity Stop RD0BUF UART0SR<PERR> UART0SR<FERR> Start Bit0 Parity Stop Start Bit0 Parity Stop Data C Data D The contents of data B are discarded and those of data A are maintained. The contents of data C are discarded and those of data A are maintained. The contents of data D are discarded and those of data A are maintained. The parity is OK. The parity is OK. The flag is not set even if a framing error occurs. RXD0 pin input Data A Data A An interrupt request is generated. An interrupt request is generated. No interrupt request is generated. Data B INTRXD0 interrupt request UART0SR<OERR> UART0SR<RBFL> Start Bit0 Parity Stop Start Bit0 Parity Stop RD0BUF UART0SR<PERR> Start Bit0 Parity Stop Start Bit0 Parity Stop Data C Data D The contents of data B are discarded and those of data A are maintained. The contents of data C are discarded and those of data A are maintained. The contents of data D are discarded and those of data A are maintained. A parity error occurs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |