Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
0.05(1.27)
BSC
0.390(9.91) Max
0.005(0.13)
0.370(9.40)
0.030(0.76)
Min
0.125(3.18) Min
A
A
0.022(0.56)
0.019(0.48)
0.009(0.23)
Section A-A
0.0015(0.04) Max
0.0015(0.04) Max
Base Metal
Lead
Finish
0.290(7.37) Max
1 Index area: A notch or a pin one identification mark shall be located adjacent to
pin one and shall be located within the shaded area shown. The manufacture's
identification shall not be used as a pin one identification mark.
Notes:
2 This dimension allows for off-center lid, meniscus, and glass overrun.
3 The maximum limits of lead dimensions (section A-A) shall be measured at
4 Measure dimension at all four corners.
5 For bottom-brazed lead packages, no organic or polymeric materials
shall be molded to the bottom of the package to cover the leads.
6 This dimension shall be measured at the point of exit (beyond the meniscus)
of the lead from the body. This dimension's minimum shall be reduced by
0.0015 inch (0.038mm) maximum when solder dip lead finish is applied.
7. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
8. Dimensions: INCH(mm). Controlling dimension: INCH.
Pin No.1
ID Area
0.004
H A-B
D
0.036
H A-B
D
-B-
-A-
-H-
-C-
-D-
0.260(6.60)
0.235(5.97)
0.045(1.14)
0.026(0.66)
0.270(6.86)
0.115(2.92)
0.045(1.14)
0.004(0.10)
0.015(0.38)
0.015(0.38)
0.006(0.15)
0.004(0.10)
2
2
5
6
4
0.022(0.56)
0.015(0.38)
0.009(0.23)
0.004(0.10)
the centroid of the finished lead surfaces, when solder dip or tin plate finish
is applied.
3
9. Compliant to MIL-STD-1835 CDFP3-F14 (F-2A, CONFIGURATION B).
Min
Top Vew
Side View
© Renesas Electronics Corporation
Package Outline Drawing
14 Lead Ceramic Metal Seal Flatpack Package
POD Number: K14.A, Revision no: 02, Date Created: Mar 4, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com