Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 23
Sep 18, 2025
ISL73141SEH Datasheet
through an internal oscillator and takes an ensured maximum time of tCONV to complete. Following conversion,
several internal blocks are powered down to reduce power consumption. This phase of power-down is referred to
as NAP mode. The ISL73141SEH stays in NAP mode until the next rising edge of CS where the ISL73141SEH is
fully powered up.
The following is an example of timing calculation in an application operating the ISL73141SEHMF7 at 1Msps.
When deriving timing it is imperative to use the appropriate maximum and minimum specifications. The CS input
must be held high for 40ns (tCSH). The time between the falling edge of CS and the rising edge of BUSY is a
maximum of 30ns (tBUSYLH). The conversion time (tCONV) is a maximum of 660ns. To clock the data out of the
ADC there must be 14 rising edges of SCK (tREADOUT). The 14th SCK falling edge must be coincident with the
rising edge of CS for the subsequent sample. Using the maximum SCK frequency of 50MHz yields:
Note: The 14th SCK edge is coincident with the rising edge of CS so there is only a 1/2 period for the 14th SCK.
To calculate and validate the sample timing use Equation 1:
For a sample rate of 1Msps using the timing calculates to:
5.4
Convert Start (CS) Pin
The convert start input (CS) initiates a conversion in the ISL73141SEH. The input logic level of CS is determined
by the DVCC supply voltage, which operates across a range of 2.2V up to 3.6V. A falling edge on this input starts a
new conversion. The conversion is timed using an internal oscillator. The logic state of the CS pin controls the
state of the SDO pin. A logic high on the CS pin disables the SDO pin driver resulting in a high-impedance state
on the SDO pin. A logic low on the CS pin enables the SDO driver (unless PD is low) and allows data to be read
out following a conversion.
5.5
Power Down (PD) Pin
The ISL73141SEH has a power down pin that is active low (PD). When this pin is asserted the ISL73141SEH is
powered down to ≤50µW of total power dissipation. If PD is asserted during a conversion, the conversion is halted
and the SDO pin is held in high impedance (high-Z). The input logic level of PD is determined by the DVCC supply
voltage, which operates across a range of 2.2V up to 3.6V. There is an internal 500kΩ pull-up resistor connected
to DVCC on this pin.
5.6
Reference Input (REF) Pin
The ISL73141SEH has a voltage reference input that determines the full scale input range. The input voltage
range of this pin is from 1.95V to 3.6V (ISL73141SEHMFN) or 3.9V to 4.2V (ISL73141SEHMF7). Decouple this
pin to ground with a high quality, low ESR 10μF ceramic capacitor. Renesas recommends using a capacitor with a
voltage rating of 10V or greater and to place the capacitor as close as possible to the REF pin.
Use a low noise, low temperature drift reference to drive this pin. Input noise from the input reference directly
impacts the noise performance of the device. Temperature drift of the external reference affects the full scale error
for the over-temperature of the device.
(EQ. 1)
13 20ns 10ns
+
270ns
=
tCYC
tCSH tBUSYLH tCONV tREADOUT
++
+
=
tCYC
40ns 30ns 660ns 270ns
1000ns
=
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com