Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 14
Sep 18, 2025
ISL73141SEH Datasheet
Figure 13. SNR and SINAD vs AVCC
Figure 14. ENOB vs AVCC
Figure 15. THD and SFDR vs AVCC
Figure 16. SNR and SINAD vs Frequency
Figure 17. ENOB vs Frequency
Figure 18. THD and SFDR vs Frequency
Unless otherwise noted, AVCC = 5.0V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 1Msps; TA = +25°C (Cont.)
81.5
81.7
81.9
82.1
82.3
82.5
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
AVCC (V)
SNR
SINAD
13.0
13.1
13.2
13.3
13.4
13.5
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
AVCC (V)
85
90
95
100
105
110
115
120
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
AVCC (V)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com