Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 17
Sep 18, 2025
ISL73141SEH Datasheet
4.2
3.3V Curves
Figure 31. PSRR vs Frequency
Unless otherwise noted, AVCC = 3.3V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 750ksps; TA = +25°C
Figure 32. Differential Non-Linearity (DNL)
Figure 33. Integral Non-Linearity (INL)
Figure 34. DNL vs AVCC
Figure 35. INL vs AVCC
Unless otherwise noted, AVCC = 5.0V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 1Msps; TA = +25°C (Cont.)
-90
-85
-80
-75
-70
-65
-60
-55
105
255
505
755
1105
Frequency (kHz)
PSRR (DVCC)
PSRR (AVCC)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2048
4096
6144
8192
10240 12288 14336 16384
Output Code
-1.0
-0.5
0.0
0.5
1.0
0
2048
4096
6144
8192
10240 12288 14336 16384
Output Code
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
3.0
3.1
3.2
3.3
3.4
3.5
3.6
AVCC (V)
-DNL
+DNL
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
3.0
3.1
3.2
3.3
3.4
3.5
3.6
AVCC (V)
-INL
+INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com