Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 20
Sep 18, 2025
ISL73141SEH Datasheet
Figure 48. ENOB vs Temperature
Figure 49. THD and SFDR vs Temperature
Figure 50. SNR and SINAD vs Sample Rate
Figure 51. ENOB vs Sample Rate
Figure 52. THD and SFDR vs Sample Rate
Figure 53. Power vs Sample Rate
Unless otherwise noted, AVCC = 3.3V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 750ksps; TA = +25°C (Cont.)
85
90
95
100
105
110
300
350
400
450
500
550
600
650
700
750
Sample Rate (ksps)
THD
SFDR
15.0
17.5
20.0
22.5
25.0
27.5
30.0
300
350
400
450
500
550
600
650
700
750
Sample Rate (ksps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com