Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 25
Sep 18, 2025
ISL73141SEH Datasheet
At the input to the ADC, a simple RC filter should be sufficient for most applications. Choose the RC circuit values
appropriately for the application. A low-value resistor (RS ≤ 50) is recommended for low noise performance. Add a
high-quality shunt capacitor (CP) as close as possible to the AIN pin to shunt charge kickback from the ADC
during sampling and to limit the input bandwidth to the ADC. The recommended values for the CP range is from
220pF to 680pF. Larger values for CP can be used for slower conversion rates.
Due to the switched capacitance of the analog input, Renesas recommends limiting series inductance in the
analog input path, particularly the inductance near the analog input pins of the device. Renesas also recommends
using a high quality ceramic capacitor (CP) in shunt on the analog input that is at an appropriate value for the
required application. Choose the series resistance in the analog input circuit based on the output impedance of
the driver amplifier and the application requirements. An example topology is given in Figure 60, which converts a
0V input common-mode voltage to the ADC input common-mode voltage of VREF/2. This circuit is employed on
the ISL73141SEH evaluation board to allow the ADC to be driven from various types of signal generators.
It is important to understand the settling time associated with the analog input of the ISL73141SEH and the
impacts of RS and CP. To allow the ISL73141SEH to accurately resolve the input signal, it is important that the
input signal is settled completely before the signal is sampled by the ISL73141SEH. To meet the datasheet
Figure 59. ISL73141SEH Analog Input Amplifier Example Circuit
Figure 60. ISL73141SEH Common-Mode Conversion Amplifier Example Circuit
Analog
Input
+
-
AIN
GND
ISL73141SEH
RS
CP
AV = +2
AV = -2
+
-
-
+
AV = 1
-
+
VREF
AIN
GND
ISL73141SEH
R
R
2R
R
5R
R
0V
+VREF/4
-VREF/4
Analog
Input
VREF/2
+VREF
0V
RS
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com