Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 27
Sep 18, 2025
ISL73141SEH Datasheet
7.
Package Outline Drawing
The package outline drawing is located at the end of this document and is accessible from the Renesas website.
The package information is the most current data available and is subject to change without revision of this
document.
8.
Ordering Information
9.
Revision History
Part Number[1]
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
AVCC
Supply
Voltage
Radiation
Hardness
(Total Ionizing
Dose)
Package
Description
(RoHS Compliant)
Package
Drawing
Carrier
Type
Temp
Range
ISL73141SEHMFN
3.3V
LDR to 75krad(Si)
14 Ld CDFP
Packaged Device
(QML-V Level
Screening)
K14.A
Tray
-55 to
+125°C
ISL73141SEHMF7
5V
ISL73141SEHFN/PROTO[2]
2. The /PROTO is not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across the temperature range specified
in this datasheet. These part types do not come with a Certificate of Conformance.
3.3V
N/A
14 Ld CDFP
Packaged Device
ISL73141SEHF7/PROTO[2]
5V
ISL73141SEHFNEV1Z[3]
3. Evaluation board uses the /PROTO parts and /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect
(SEE) immunity.
Single IC Evaluation Board for ISL73141SEHMFN
ISL73141SEHF7EV1Z[3]
Single IC Evaluation Board for ISL73141SEHMF7
Rev.
Date
Description
5.04
Sep 18, 2025
Removed Note 2 from Abs Max section.
Added Figures 31 and 56.
5.03
Mar 14, 2025
Updated POD to the latest version; changes are as follows:
▪ Corrected typo in the dimension of the bottom ceramic pedestal width.
5.02
Feb 12, 2025
Updated POD to the latest version; changes are as follows:
▪ Applied latest template
▪ Corrected typo in the mm value for dimension E1 from 7.11 to 7.37mm (i.e. the dim equivalent to E1 from
the table in the previous revision) to make it equal to the 0.290 inch dim & compliant to MIL-STD-1835
5.01
Nov 18, 2024
Added AIN Input Current spec and note to Absolute Maximum Ratings section.
5.00
May 1, 2024
Applied new template.
Updated Features section.
Updated boldface statements for all EC tables.
4.2
Feb 23, 2023
Added Feature bullet.
Removed Related Literature.
Updated Ordering information table package descriptions.
4.1
Jun 24, 2021
Added the Die and Assembly Characteristics section.
4.0
May 14, 2021
Updated Ordering information table formatting.
Updated the SDO Data Valid Delay from SCK↑ specs changed 5V operation maximum from 16ns to 18.5ns
and changed 3.3V operation maximum from 24ns to 25n.
Updated Figures 5 and 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com