Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL73141SEHF7/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Datasheet
R34DS0012EU0504 Rev.5.04
Page 1
Sep 18, 2025
© 2020-2025 Renesas Electronics
The ISL73141SEH is a radiation hardened high
precision 14-bit, 1Msps SAR Analog-to-Digital
Converter (ADC) that features SNR of 82.1dBFS and
dissipates only 60mW when operating from a 5V
supply. With a 3.3V supply, the ISL73141SEH
operates at 750ksps with a power consumption of
28mW.
The product features 1Msps throughput with no data
latency and features excellent linearity and dynamic
accuracy. The ISL73141SEH provides a high-speed
SPI-compatible serial interface that supports logic
ranging from 2.2V to 3.6V using a separate digital I/O
supply pin.
The ISL73141SEH provides a separate power-down
pin that reduces power dissipation to <50µW. The
analog input signal range is determined by an
external reference.
The ISL73141SEH operates across the military
temperature range from -55°C to +125°C and is
available in a 14 Ld hermetically sealed Ceramic Dual
Flat-Pack (CDFP) package.
Applications
▪ Precision signal processing in satellite payloads
▪ Satellite telemetry systems
▪ Satellite propulsion and orbit control
▪ Attitude control of satellites
▪ High-end industrial
▪ Down-hole drilling
Features
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF- 38535L Class-V
▪ 1Msps throughput rate with no data latency
▪ Excellent linearity: ±0.2 LSB DNL, ±0.5 LSB INL
▪ No missing codes
▪ Low noise: 82.1dB SNR
▪ 3.3V or 5V AVCC supply options
▪ Separate 2.2V to 3.6V digital I/O supply
▪ Low power: 60mW at 1Msps
•AVCC = 5V, DVCC = 2.5V
▪ Power-down mode with <50µW power
consumption
▪ High speed SPI-compatible serial I/O
▪ Full military temperature range operation
•TA = -55°C to +125°C
▪ TID Rad Hard Assurance (RHA) testing
• LDR (0.01rad(Si)/s): 75krad(Si)
▪ SEE Characterization (see SEE report for details)
• No DSEE for AVCC = 6.3V, DVCC = 4.6V, and
VREF = 5.1V at 86MeV•cm2/mg
• SEFI <4.2µm2 at LET 86MeV•cm2/mg
Figure 1. INL vs Output Code
Figure 2. 32k FFT - 105.3kHz
-1.0
-0.5
0.0
0.5
1.0
0
2048
4096
6144
8192
10240 12288 14336 16384
Output Code
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Frequency (kHz)
A
IN = -1dBFS
SNR = 82.1dBFS
SINAD = 81.9dBFS
SFDR = 108dBFS
ISL73141SEH
Radiation Hardened 14-Bit 1MSPS SAR ADC


Similar Part No. - ISL73141SEHF7/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73141SEHF7/PROTO RENESAS-ISL73141SEHF7/PROTO Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
More results

Similar Description - ISL73141SEHF7/PROTO

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
logo
ams AG
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
ISL73148SEH RENESAS-ISL73148SEH Datasheet
1Mb / 59P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 23, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com