Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 24
Sep 18, 2025
ISL73141SEH Datasheet
5.7
ISL73141 Transfer Function
Figure 58 gives the transfer function of the device. Code transitions in the digital outputs bits of the device occur at
midway points between successive integer LSB values that range from 0.5 LSB, 1.5 LSB, 2.5 LSB, 3.5 LSB... and
FS - 3.5 LSB, FS - 2.5 LSB, FS - 1.5 LSB, FS - 0.5 LSB. The device is a 14-bit ADC with an output code range in
decimal from 0 to 2N-1 where N = 14, making the total code range 0 to 16383 inclusive.
5.8
Power Supply Sequencing
The ISL73141SEH does not have any specific power sequencing requirements when increasing the supply
voltages. IMPORTANT: You must follow the guidelines in the recommended operating conditions and take care in
observing the maximum supply voltage conditions outlined in the Absolute Maximum Ratings section.
5.9
Analog Input (AIN) Pin
The ISL73141SEH supports single-ended input drive only. IMPORTANT: Ensure that proper grounding techniques
and supply decoupling are used in circuit board layout to achieve optimum performance. The ISL73141SEH
evaluation board can be used as a guide for proper circuit optimization. The analog input is a high-impedance
input that exhibits a capacitive load of approximately 15pF during sample mode and 3pF during hold mode. Due to
the high bandwidth (50MHz) of the analog input, Renesas recommends using an Anti-Alias Filter (AAF)
appropriate for the desired application. It is not required to operate the ISL73141SEH with an input amplifier, but it
can improve performance and/or provide gain in certain applications. An example topology is given in Figure 59,
which uses a driver amplifier and an RC input filter. Care must be taken to choose an amplifier with low noise and
distortion because the ADC performance is directly impacted. It is also important to choose feedback resistance
values that are less than 1kΩ (typically, 100Ω to 200Ω) to minimize the impact of resistor thermal noise. The noise
of the resistor is directly related to its value by Equation 2.
where
▪ k = Boltzmans constant (1.38 x 10-23)
▪ T = Temperature in Kelvin (room temperature = 27°C = 300K)
▪ R = Resistance value
Figure 58. ISL73141SEH Transfer Function
(EQ. 2)
00 0000 0000 0000
00 0000 0000 0001
11 1111 1111 1110
11 1111 1111 1111
ADC Input Voltage
Power Spectral Density (PSD)
4kTR V2 Hz

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com