Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 7
Sep 18, 2025
ISL73141SEH Datasheet
3.4
Electrical Specifications
3.4.1
ISL73141SEHMF7 - 5V Operation
Unless otherwise noted: AVCC = 5.0V; DVCC = 2.5V, REF = 4.096V, GND = 0V, fSAMP = 1Msps, AIN = -1dBFS.Boldface limits apply across
the operating temperature range, -55°C to +125°C by production testings; over a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Min
Typ[1]
Max
Unit
Converter Characteristics
Resolution
-
-
14
--
bits
No Missing Codes
-
-
14
--
bits
Transition Noise
-
RMS noise, 14-bit LSB
-
0.3
-
LSBRMS
Integral Non-Linearity
INL
Measured with full scale input signal.
-1.0
±0.4
1.0
LSB
Differential Non-Linearity
DNL
Measured with full scale input signal.
-0.5
±0.2
0.5
LSB
Zero Scale Error
VOFF
Measured with input grounded.
-5
0
5
LSB
Zero Scale Error Drift
VOFFD
Measured with input grounded.
-
±0.006
-
LSB/°C
Full Scale Error
FSE
Measured with input connected to
VREF
-7
±1
7
LSB
Full Scale Error Drift
FSED
Measured with input connected to
VREF
-
±0.004
-
LSB/°C
Dynamic Accuracy
Signal to Noise Ratio
SNR
FIN = 105kHz
80
82.1
-
dBFS
Signal to Noise + Distortion
Ratio
SINAD
FIN = 105kHz
79
81.9
-
dBFS
Effective Number of Bits
ENOB
FIN = 105kHz
12.5
13.3
-
bits
Total Harmonic Distortion
THD
FIN = 105kHz, first five harmonics
85
92
-
dBFS
Spurious Free Dynamic
Range
SFDR
FIN = 105kHz, first five harmonics
excluded
90
108
-
dBFS
Input Bandwidth G
Source impedance = 25Ω, -3dB point
-
50
-
MHz
Aperture Delay
tAD
CS falling edge to sample edge
-
2.5
-
ns
Aperture Jitter
tAJITTER
--
1
-
psRMS
Analog Input Characteristics (AIN)
Input Voltage Range, AIN
AIN
Recommended operating condition
0
-
VREF
V
Absolute Input Range, AIN
--
-0.1
-
AVCC + 0.1
V
Input Leakage Current
IAIN
-
-1
-
1
µA
Input Capacitance
-
Sample Mode
-
15
-
pF
Hold Mode
-
3
-
pF
Reference Input Characteristics (REF)
REF Input Voltage Range
VREF
-
3.9
-
4.2
V
REF Input Current
IREF
-
-
135
200
µA
Power Supply Characteristics (AVCC, DVCC)
Analog Supply Voltage
AVCC
-
4.5
-
5.5
V
Analog Supply Current -
Active
IAVCC
Active, fSAMP = 1Msps
-
12
14.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com