Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 15
Sep 18, 2025
ISL73141SEH Datasheet
Figure 19. SNR and SINAD vs VREF
Figure 20. ENOB vs VREF
Figure 21. THD and SFDR vs VREF
Figure 22. SNR and SINAD vs Temperature
Figure 23. ENOB vs Temperature
Figure 24. THD and SFDR vs Temperature
Unless otherwise noted, AVCC = 5.0V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 1Msps; TA = +25°C (Cont.)
80.0
80.5
81.0
81.5
82.0
82.5
83.0
83.5
84.0
3.90
3.95
4.00
4.05
4.10
4.15
4.20
V
REF (V)
SNR
SINAD
12.8
12.9
13.0
13.1
13.2
13.3
13.4
13.5
3.9
3.95
4
4.05
4.1
4.15
4.2
V
REF (V)
85
90
95
100
105
110
115
3.90
3.95
4.00
4.05
4.10
4.15
4.20
V
REF (V)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com