Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 19
Sep 18, 2025
ISL73141SEH Datasheet
Figure 42. ENOB vs Frequency
Figure 43. THD and SFDR vs Frequency
Figure 44. SNR and SINAD vs VREF
Figure 45. ENOB vs VREF
Figure 46. THD and SFDR vs VREF
Figure 47. SNR and SINAD vs Temperature
Unless otherwise noted, AVCC = 3.3V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 750ksps; TA = +25°C (Cont.)
75.0
75.5
76.0
76.5
77.0
77.5
78.0
78.5
79.0
79.5
80.0
80.5
81.0
1.95
2.10
2.25
2.40
2.55
2.70
2.85
3.00
3.15
3.30
V
REF (V)
SNR
SINAD
12.2
12.3
12.4
12.5
12.6
12.7
12.8
12.9
13.0
13.1
13.2
1.95
2.10
2.25
2.40
2.55
2.70
2.85
3.00
3.15
3.30
V
REF (V)
85
90
95
100
105
110
1.95
2.10
2.25
2.40
2.55
2.70
2.85
3.00
3.15
3.30
V
REF (V)
THD
SFDR
79.0
79.5
80.0
80.5
81.0
81.5
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
SNR
SINAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com