Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 16
Sep 18, 2025
ISL73141SEH Datasheet
Figure 25. SNR and SINAD vs Sample Rate
Figure 26. ENOB vs Sample Rate
Figure 27. THD and SFDR vs Sample Rate
Figure 28. Power vs Sample Rate
Figure 29. Power vs Temperature
Figure 30. Zero and Full Scale Error vs Temperature
Unless otherwise noted, AVCC = 5.0V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 1Msps; TA = +25°C (Cont.)
80.0
80.5
81.0
81.5
82.0
82.5
83.0
83.5
84.0
300
400
500
600
700
800
900
1000
Sample Rate (ksps)
SNR
SINAD
85
90
95
100
105
110
115
300
400
500
600
700
800
900
1000
Sample Rate (ksps)
THD
SFDR
30
35
40
45
50
55
60
65
300
400
500
600
700
800
900
1000
Sample Rate (ksps)
55
57
59
61
63
65
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Average Offset
Average Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com