Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 11
Sep 18, 2025
ISL73141SEH Datasheet
3.5.2
3.3V Operation
SCK Held Low to CS↓
tQUIET
-
40
--
ns
CS Falling Edge to BUSY↑
tBUSYLH
CL = 10pF
-
17
25
ns
SCK Period
tSCK
-
20
--
ns
SCK High Time
tSCKH
-
8
--
ns
SCK Low Time
tSCKL
-
8
--
ns
SDO Data Valid Delay from
BUSY↓
tDBUSYLSDO
V
CL = 10pF
-
-2.6
0
ns
SDO Data Valid Delay from SCK↑
tDSCKSDOV
CL = 10pF
-
-
18.5
ns
SDO Data Valid Hold Time from
SCK↑
tHSDOV
CL = 10pF
8
13
-
ns
SDO Bus Acquisition Time from
CS↓
tDCSLSDOL
CL = 10pF
-
11
20
ns
SDO Bus Relinquish Time after
CS↑
tDCSHSDOZ
CL = 10pF
-
12
20
ns
Wake-Up time from Power-Down
Mode
tWAKE
Time to wait after PD↑ to first
sample
-20
-
µs
1. Typical values shown are not guaranteed. Values derived from +25°C median data.
Unless otherwise noted: AVCC = 3.0V to 3.6V; DVCC = 2.2V to 3.6V, REF = 3.0V, GND = 0V, fSAMP = 750ksps, AIN = -1dBFS. Boldface limits
apply across the operating temperature range, -55°C to +125°C by production testings; over a total ionizing dose of 75krad(Si) at
+25°C with exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Min
Typ[1]
Max
Unit
Timing Characteristics
Maximum Sampling Frequency
fSAMP
--
-
750
kHz
Conversion Time
tCONV
BUSY Output High Time
-
760
850
ns
CS High Time
tCSH
-
50
--
ns
SCK Held Low to CS↓
tQUIET
-
50
--
ns
CS Falling Edge to BUSY↑
tBUSYLH
CL = 10pF
-
21
40
ns
SCK Period
tSCK
-
30
--
ns
SCK High Time
tSCKH
-
12
--
ns
SCK Low Time
tSCKL
-
12
--
ns
SDO Data Valid Delay from BUSY↓
tDBUSYLSDO
V
CL = 10pF
-
-5
0
ns
SDO Data Valid Delay from SCK↑
tDSCKSDOV
CL = 10pF
-
-
25
ns
SDO Data Valid Hold Time from
SCK↑
tHSDOV
CL = 10pF
8
16
-
ns
SDO Bus Acquisition Time from
CS↓
tDCSLSDOL
CL = 10pF
-
12
30
ns
Unless otherwise noted: AVCC = 4.5V to 5.5V; DVCC = 2.2V to 3.6V, REF = 4.096V, GND = 0V, fSAMP = 1Msps, AIN = -1dBFS. Boldface limits
apply across the operating temperature range, -55°C to +125°C by production testings; over a total ionizing dose of 75krad(Si) at
+25°C with exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com