Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 22
Sep 18, 2025
ISL73141SEH Datasheet
The ISL73141SEH uses the external reference input (REF) as the positive reference and the GND pin of the
device as the negative reference.
5.2
Serial Interface and BUSY
The ISL73141SEH uses a 3-wire serial port interface to communicate with other devices such as microcontrollers
and other external circuitry. A falling edge on CS initiates conversion in the ISL73141SEH. Renesas requires
holding CS high for at least 40ns before initiating the conversion. The conversion is timed by an internal oscillator.
During the conversion process, the BUSY signal is asserted high. When the conversion is complete, BUSY is
de-asserted. Renesas requires holding SCK low during tCONV. When BUSY is de-asserted, the MSB is
immediately available on the SDO pin. Each subsequent rising edge of SCK serially outputs data on SDO from the
MSB-1 to the LSB. The input logic level of CS and SCK is determined by the DVCC supply voltage that operates
across a range of 2.2V up to 3.6V. Similarly, the output voltage level of BUSY is also determined by the DVCC
supply voltage.
5.3
Operational Phases and Timing
The conversion result MSB is available for serial readout at the SDO pin immediately following a completed
conversion. The BUSY indicator flag is high during conversion, and transitions low following completion of the
conversion. When the BUSY indicator flag goes LOW after a conversion, the MSB of the conversion result (B13)
is immediately available at the SDO pin. Subsequent rising edges of SCK shift bits MSB-1 (B12) through the LSB
(B0) to SDO for readout. The output voltage level of SDO is determined by the DVCC supply voltage which
operates across a range of 2.2V up to 3.6V. Figure 57 shows the basic timing of the ISL73141SEH in a conversion
cycle.
The following are the three phases of operation in the ISL73141SEH that are shown in Figure 57.
▪ Acquisition
▪ Conversion
▪ Readout
The Acquisition phase begins immediately following the completion of the conversion. During CS high, the SDO
pin is held in high impedance (high-Z). The falling edge of CS defines the sampling instant of the ISL73141SEH,
initiates a conversion, and also enables the SDO output to a low state. The conversion cycle is internally timed
Figure 57. ISL73141SEH Timing Diagram
12
13
14
12
SCKL
t
SCKH
t
t
SCK
HI-Z
HI-Z
CS
SCK
SDO
CSH
t
t
CONV
READOUT
t
t CYC
B13
B12
B0
B1
B2
B3
t DBUSYLSDOV
tHSDOV
t
DCSLSDOL
tDCSHSDOZ
Serial Data Bits B[13:0] Correspond to the Current Conversion
t
BUSYLH
BUSY
t QUIET
Acquire
Convert
Nap and Readout
Acquire
CSH
t
t
DSCKSDOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com