Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 18
Sep 18, 2025
ISL73141SEH Datasheet
Figure 36. 32k FFT - 105.3kHz
Figure 37. 32k FFT - 455.3kHz
Figure 38. SNR and SINAD vs AVCC
Figure 39. ENOB vs AVCC
Figure 40. THD and SFDR vs AVCC
Figure 41. SNR and SINAD vs Frequency
Unless otherwise noted, AVCC = 3.3V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 750ksps; TA = +25°C (Cont.)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
75
150
225
300
375
Frequency (Hz)
AIN = -1dBFS
SNR = 80.3.dBFS
SINAD = 80.1dBFS
SFDR = 108dBFS
THD = 92dBFS
-160
-140
-120
-100
-80
-60
-40
-20
0
0
75
150
225
300
375
Frequency (Hz)
AIN = -1dBFS
SNR = 80.1.dBFS
SINAD = 79.3dBFS
SFDR = 99dBFS
THD = 87dBFS
79.0
79.5
80.0
80.5
81.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
AVCC (V)
SNR
SINAD
12.5
12.6
12.7
12.8
12.9
13.0
3.0
3.2
3.4
3.6
AVCC (V)
85
90
95
100
105
110
115
3.0
3.1
3.2
3.3
3.4
3.5
3.6
AVCC (V)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com