Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL73141SEHF7/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 5
Sep 18, 2025
ISL73141SEH Datasheet
12
SDO
3
Serial data output. The current conversion result is serially shifted out on this pin on the rising
edges of SCK, MSB first to LSB last. The data stream is composed of 14 bits of conversion
data followed by trailing zeros. Logic Levels are determined by DVCC.
13
DVCC
1
Digital I/O supply. Voltage range on this pin is 2.2V to 3.6V. DVCC is nominally set to the same
supply voltage as the host interface (2.5V or 3.3V). Bypass DVCC to GND with 0.1µF capacitor.
LID
N/A
N/A
Package Lid is internally connected to GND through Pin 14.
Pin Number
Pin
Name
ESD
Circuit
Description
Circuit 1
Pins
1, 3, 5, 13
Circuit 2
Circuit 3
Pins
7, 8, 11
600Ω
DVCC
Pins
9, 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com