Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 6
Sep 18, 2025
ISL73141SEH Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
3.2
Recommended Operating Conditions
3.3
Thermal Specifications
Parameter
Min
Max
Unit
Supply Voltage (AVCC, DVCC)-0.3
6.4
V
Supply Voltage (AVCC)[1]
1. Tested in a heavy ion environment at LET = 86MeV•cm2/mg at 125°C.
-0.3
6.3
V
Supply Voltage (DVCC)[1]
-0.3
4.6
V
AIN, REF
-0.3
AVCC + 0.3
V
AIN, REF[1]
-0.3
5.1
V
Digital Input Voltage (PD, CS, SCK)
-0.3
DVCC + 0.3
V
Digital Output Voltage (BUSY, SDO)
-0.3
DVCC + 0.3
V
AIN Input Current[2]
2. When an input voltage exceeds maximum operating conditions (voltage at the AIN pin less than GND or greater than AVCC), limit the
input current to less than ±3mA.
-3
3
mA
Maximum Junction Temperature
-
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Human Body Model (Tested per MIL-STD-883 TM3015.7)
-
2.5
kV
Charged Device Model (Tested per JS-002-2014)
-
600
V
Parameter
Min
Max
Unit
Temperature
-55
+125
°C
Analog Supply Voltage, AVCC (ISL73141SEHMFN)
3.0
3.6
V
Analog Supply Voltage, AVCC (ISL73141SEHMF7)
4.5
5.5
V
Digital Supply Voltage, DVCC
2.2
3.6
V
Reference Input Voltage, VREF (ISL73141SEHMFN)
1.95
3.6
V
Reference Input Voltage, VREF (ISL73141SEHMF7)
3.9
4.2
V
Analog Input Voltage, AIN
0VREF
V
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
CDFP Package K14.A
θJA[1]
1. θJA is measured in free air with the component on high-effective thermal conductivity test board with direct attach features. See TB379.
Junction to ambient
34
°C/W
θJC[2]
2. For θJC, the case temperature location is the center of the package underside..
Junction to case
6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com