Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 21
Sep 18, 2025
ISL73141SEH Datasheet
5.
Applications Information
5.1
Overview
The ISL73141SEH is a radiation hardened, high precision, low noise, 14-bit Successive Approximation Register
(SAR) ADC. The device operates from an analog supply voltage range of 3V to 3.6V or 4.5V to 5.5V, a digital
supply voltage range of 2.2V to 3.6V, and has a dedicated reference input (REF). The ISL73141SEH supports
sample rates up to 1Msps with an analog supply voltage range of 4.5V to 5.5V. It also supports sample rates up to
750ksps with an analog supply voltage range of 3V to 3.6V, which allows you to optimize your system based on
the range of the analog signal being sampled. The ISL73141SEH samples at a rate of 1Msps and achieves
excellent dynamic performance (82.1dB SNR, 100dB THD) and linearity (INL ±1LSB, DNL ±0.5 LSB) while still
maintaining a low power consumption of 60mW from a 5V supply. Additionally, the device offers a Sleep mode that
minimizes power consumption to <50µW during idle operation.
The IS73141SEH offers a high-speed serial interface with an independent digital supply (DVCC) range of 2.2V to
3.6V, making it ideal to interface to 2.5V or 3.3V systems. The conversion data is output on the SDO pin with no
latency. The ISL73141SEH supports up to a 50MHz serial data read clock on the SCK input.
The single-ended analog input voltage (AIN) is sampled on the falling edge of CS. The input range of the
ISL73141SEH is determined by the REF pin voltage to GND. The ISL73141SEH supports excellent THD and
SFDR sampling input signal frequencies up to and beyond Nyquist (such as fIN ≥ 500kHz with fSAMP = 1Msps).
Figure 54. Power vs Temperature
Figure 55. Zero and Full Scale Error vs Temperature
Figure 56. PSRR vs Frequency
Unless otherwise noted, AVCC = 3.3V; DVCC = 2.5V; fIN = 105.3kHz; fSAMP = 750ksps; TA = +25°C (Cont.)
24
26
28
30
32
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Average Offset
Average Gain
-85
-80
-75
-70
-65
-60
-55
-50
-45
105
255
505
755
1105
Frequency (kHz)
PSRR (DVCC)
PSRR (AVCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com