Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL73141SEHF7/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
R34DS0012EU0504 Rev.5.04
Page 4
Sep 18, 2025
ISL73141SEH Datasheet
2.
Pin Information
2.1
Pin Assignments
2.2
Pin Descriptions
Figure 5. Pin Assignments - Top View
Pin Number
Pin
Name
ESD
Circuit
Description
1AVCC
1
Analog supply. The supply range is 3V to 3.6V (ISL73141SEHMFN) or 4.5V to 5.5V
(ISL73141SEHMF7). Bypass this pin to GND with a 10µF ceramic capacitor.
2, 4, 6, 10, 14
GND
-
Analog and digital supply ground. Connect these pins directly to the PCB GND plane. Pin 14
(GND pin) is electrically connected to the package seal ring and lid.
3REF
1
Reference input. The input range of REF is 1.95V to AVCC for the ISL73141SEHMFN and 3.9V
to 4.2V for the ISL73141SEHMF7. The voltage at the REF pin (VREF) defines the input range of
the analog input as 0V to VREF. Bypass REF to GND with a low ESR 10µF ceramic capacitor.
5
AIN
1
Analog input. AIN supports an input voltage range of 0V to VREF.
8CS
2
Convert Start Low input. A falling edge on this input starts a new conversion. The conversion is
timed using an internal oscillator. The device automatically powers down following the
conversion process. The logic state of the CS pin controls the state of the SDO pin. A logic high
on the CS pin disables the SDO pin driver and the SDO pin impedance is Hi-Z. A logic low on
the CS pin enables the SDO driver (unless PD is low) and allows data to be read out following
a conversion.
7PD
2
Power-down low input. When this pin is brought low the ADC enters power-down mode. If this
occurs during a conversion, the conversion is halted and the SDO pin is placed in Hi-Z. Logic
levels are determined by DVCC.
9BUSY
3
Busy output. A logic high indicates a conversion is in progress. The BUSY indicator returns low
following the completion of a conversion. Logic levels are determined by DVCC.
11
SCK
2
Serial data clock input. When CS is low and the BUSY indicator is low, the conversion result is
shifted out on SDO on the rising edges of SCK, Most Significant Bit (MSB) first to Least
Significant Bit (LSB) last. Logic levels are determined by DVCC. SCK should be held low when
it is not being asserted.
Note: The ESD triangular mark is indicative of Pin #1. It is a part of the device
marking and is placed on the lid in the quadrant where Pin #1 is located.
1
2
3
4
5
6
78
9
10
11
12
13
14
AVCC
GND
REF
GND
AIN
GND
PD
CS
BUSY
GND
SCK
SDO
GND
DVCC
Connected to LID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com