Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705BD7 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
SECTION 6: OPERATING MODES
Page 32
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
6.7
COP Watchdog Timer Considerations
The COP Watchdog Timer is always enable in MC68HC05BD7. It will reset the MCU when
it times out. For a system that must have intentional uses of the WAIT Mode, care must be
taken to prevent such situations from happening during normal operations by arranging
timely interrupts to reset the COP Watchdog timer.
Figure 6-2: WAIT Flowcharts
Y
Y
N
N
N
Y
Y
1.Fetch Reset Vector
or
2.Service Interrupt
a.Stack
b.Set I-Bit
c.Vector to Interrupt Routine
Internal
COP
RESET?
External Oscillator Active,
and Internal
Timer Clock Active
Restart
Internal Processor Clock
Stop Internal Processor Clock,
Clear I-Bit in CCR
External
H/W
Interrupt?
External
RESET?
WAIT
N
Internal
Interrupt?
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com